Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BX Datasheet(PDF) 73 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 69Page - STMicroelectronics ISM330BX Datasheet HTML 70Page - STMicroelectronics ISM330BX Datasheet HTML 71Page - STMicroelectronics ISM330BX Datasheet HTML 72Page - STMicroelectronics ISM330BX Datasheet HTML 73Page - STMicroelectronics ISM330BX Datasheet HTML 74Page - STMicroelectronics ISM330BX Datasheet HTML 75Page - STMicroelectronics ISM330BX Datasheet HTML 76Page - STMicroelectronics ISM330BX Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 150 page
background image
9.29
OUTX_L_G (22h) and OUTX_H_G (23h)
Angular rate sensor pitch axis (X) angular rate output register (R). The value is expressed as a 16-bit word in
two’s complement.
Data are according to the full-scale (CTRL6 (15h)) and ODR settings (CTRL2 (11h)) of the gyroscope user
interface.
Table 85. OUTX_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 86. OUTX_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 87. OUTX_G register description
D[15:0]
Gyroscope UI chain pitch axis (X) angular rate output value
9.30
OUTY_L_G (24h) and OUTY_H_G (25h)
Angular rate sensor roll axis (Y) angular rate output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the full-scale (CTRL6 (15h)) and ODR settings (CTRL2 (11h)) of the gyroscope user
interface.
Table 88. OUTY_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 89. OUTY_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 90. OUTY_G register description
D[15:0]
Gyroscope UI chain roll axis (Y) angular rate output value
9.31
OUTZ_L_G (26h) and OUTZ_H_G (27h)
Angular rate sensor yaw axis (Z) angular rate output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the full-scale (CTRL6 (15h)) and ODR settings (CTRL2 (11h)) of the gyroscope user
interface.
Table 91. OUTZ_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 92. OUTZ_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 93. OUTZ_H_G register description
D[15:0]
Gyroscope UI chain yaw axis (Z) angular rate output value
ISM330BX
Register description
DS14588 - Rev 2
page 73/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com