Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BX Datasheet(PDF) 43 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 39Page - STMicroelectronics ISM330BX Datasheet HTML 40Page - STMicroelectronics ISM330BX Datasheet HTML 41Page - STMicroelectronics ISM330BX Datasheet HTML 42Page - STMicroelectronics ISM330BX Datasheet HTML 43Page - STMicroelectronics ISM330BX Datasheet HTML 44Page - STMicroelectronics ISM330BX Datasheet HTML 45Page - STMicroelectronics ISM330BX Datasheet HTML 46Page - STMicroelectronics ISM330BX Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 150 page
background image
6.8.2
FIFO mode
In FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 001) data from the output channels are stored in the
FIFO until it is full.
To reset FIFO content, bypass mode should be selected by writing FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0]) to
000. After this reset command, it is possible to restart FIFO mode by writing FIFO_CTRL4 (0Ah)
(FIFO_MODE_[2:0]) to 001.
The FIFO buffer memorizes up to 4.5 KB of data (with compression enabled) but the depth of the FIFO can be
resized by setting the WTM[7:0] bits in FIFO_CTRL1 (07h). If the STOP_ON_WTM bit in FIFO_CTRL2 (08h) is
set to 1, FIFO depth is limited up to the WTM[7:0] bits in the FIFO_CTRL1 (07h) register.
6.8.3
Continuous mode
Continuous mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 110) provides a continuous FIFO update: as new
data arrives, the older data is discarded.
A FIFO threshold flag FIFO_STATUS2 (1Ch)(FIFO_WTM_IA) is asserted when the number of unread samples in
FIFO is greater than or equal to FIFO_CTRL1 (07h) (WTM[7:0]).
It is possible to route the FIFO_WTM_IA flag to the INT1 pin by writing in register INT1_CTRL (0Dh)
(INT1_FIFO_TH) = 1 or to the INT2 pin by writing in register INT2_CTRL (0Eh)(INT2_FIFO_TH) = 1.
A full-flag interrupt can be enabled, INT1_CTRL (0Dh)(INT1_FIFO_FULL) = 1 or INT2_CTRL (0Eh)
(INT2_FIFO_FULL) = 1, in order to indicate FIFO saturation and eventually read its content all at once.
If an overrun occurs, at least one of the oldest samples in FIFO has been overwritten and the FIFO_OVR_IA flag
in FIFO_STATUS2 (1Ch) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of unread samples
available in FIFO_STATUS1 (1Bh) and FIFO_STATUS2 (1Ch)(DIFF_FIFO_[8:0]).
6.8.4
Continuous-to-FIFO mode
In continuous-to-FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 011), FIFO behavior changes according to
the trigger event detected in one of the following interrupt events:
•
Single tap
•
Double tap
•
Wake-up
•
Free-fall
•
D6D
When the selected trigger bit is equal to 1, FIFO operates in FIFO mode.
When the selected trigger bit is equal to 0, FIFO operates in continuous mode.
6.8.5
ContinuousWTM-to-full mode
In continuousWTM-to-full mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 010), FIFO behavior changes
according to the trigger event detected in one of the following interrupt events:
•
Single tap
•
Double tap
•
Wake-up
•
Free-fall
•
D6D
When the selected trigger bit is equal to 0, FIFO operates in continuous mode with the FIFO size limited to the
FIFO watermark level (defined by the WTM[7:0] bits in the FIFO_CTRL1 (07h) register).
When the selected trigger bit is equal to 1, FIFO continues to store data until it is full.
ISM330BX
Functionality
DS14588 - Rev 2
page 43/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com