Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BX Datasheet(PDF) 17 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 13Page - STMicroelectronics ISM330BX Datasheet HTML 14Page - STMicroelectronics ISM330BX Datasheet HTML 15Page - STMicroelectronics ISM330BX Datasheet HTML 16Page - STMicroelectronics ISM330BX Datasheet HTML 17Page - STMicroelectronics ISM330BX Datasheet HTML 18Page - STMicroelectronics ISM330BX Datasheet HTML 19Page - STMicroelectronics ISM330BX Datasheet HTML 20Page - STMicroelectronics ISM330BX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 150 page
background image
4.4
Communication interface characteristics
4.4.1
SPI - serial peripheral interface
Subject to general operating conditions for VDD and Top. @VDDIO = 1.8 V, T = 25°C unless otherwise noted.
Table 7. SPI target timing values
Symbol
Parameter
Value(1)
Unit
Min
Typ
Max
fc(SPC)
SPI clock frequency
10
MHz
tc(SPC)
SPI clock period
100
ns
thigh(SPC)
SPI clock high
45
tlow(SPC)
SPI clock low
45
tsu(CS)
CS setup time (mode 3)
5
CS setup time (mode 0)
20
th(CS)
CS hold time (mode 3)
20
CS hold time (mode 0)
20
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
15
25
tdis(SO)
SDO output disable time
50
Cload
Bus capacitance
100
pF
1. Values are evaluated at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results, not
tested in production
Figure 7. SPI target timing in mode 0
CS
SPC
SDI
SDO
MSB OUT
MSB IN
LSB OUT
LSB IN
t
t
t
tlow(SPC)
v(SO)
tc(SPC)
thigh(SPC)
tsu(CS)
th(SI)
tsu(SI)
dis(SO)
h(CS)
ISM330BX
Module specifications
DS14588 - Rev 2
page 17/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com