Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBAR5AF2000N0S Datasheet(PDF) 5 Page - APEM

Part # PBAR5AF2000N0S
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR5AF2000N0S Datasheet(HTML) 5 Page - APEM

  PBAR5AF2000N0S Datasheet HTML 1Page - APEM PBAR5AF2000N0S Datasheet HTML 2Page - APEM PBAR5AF2000N0S Datasheet HTML 3Page - APEM PBAR5AF2000N0S Datasheet HTML 4Page - APEM PBAR5AF2000N0S Datasheet HTML 5Page - APEM PBAR5AF2000N0S Datasheet HTML 6Page - APEM PBAR5AF2000N0S Datasheet HTML 7Page - APEM PBAR5AF2000N0S Datasheet HTML 8Page - APEM PBAR5AF2000N0S Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
APEM
www.apem.com
B2-133
B2
PBA series
Piezo switches Ø 16 (.630)
Options
ELECTRICAL FUNCTION
A
NO pulse
B
NC pulse
1
ON - OFF - Requires external power supply - Cannot be combined with T5 operator.
Illumination type W only.
TERMINALS
F
Flying leads
C
Cable
P
Straight PC (T5 model, non-illuminated, functions A and B only)
FICHIER: CPBACO
le 25/11/08
ECHELLE: 0.7
indice A
CPBACO1-A
(.100)
2.54
2.80
(.110)
CPBACO2-A
CPBACO3-A
2
0.22mm
0.22mm
2
2
0.22mm
0.64
(.025)
CASE COLOURS
/ MATERIALS
RATINGS
000
Standard
002
1A 24VAC or DC (NO pulse only, function A)
0
Natural anodized aluminium
1
Blue anodized aluminium
2
Black anodised aluminium
Code
Colour
3
Green anodized aluminium
5
Gold anodized aluminium
6
Red anodised aluminium
Code
Colour
B
Stainless steel 316L
Code
Colour
01
2
3
5
6
B
Bold = standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com