Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBAR5AF2000N0S Datasheet(PDF) 8 Page - APEM

Part # PBAR5AF2000N0S
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR5AF2000N0S Datasheet(HTML) 8 Page - APEM

Back Button PBAR5AF2000N0S Datasheet HTML 4Page - APEM PBAR5AF2000N0S Datasheet HTML 5Page - APEM PBAR5AF2000N0S Datasheet HTML 6Page - APEM PBAR5AF2000N0S Datasheet HTML 7Page - APEM PBAR5AF2000N0S Datasheet HTML 8Page - APEM PBAR5AF2000N0S Datasheet HTML 9Page - APEM PBAR5AF2000N0S Datasheet HTML 10Page - APEM PBAR5AF2000N0S Datasheet HTML 11Page - APEM PBAR5AF2000N0S Datasheet HTML 12Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
B2-136
APEM
www.apem.com
B2
PBA series
Piezo switches Ø 19 (.748)
Illuminated or non-illuminated
FICHIER: CPBADEC
le 10/12/08
ECHELLE: 0.7
CPBADEC2-A
indice A
CPBADEC3-A
CPBADEC1-A
(.637 DIA)
Ø16.20
Ø19.20
(.756 DIA)
(.874 DIA)
Ø22.20
2.80
(.110)
Ø22.20
(.874 DIA)
MODEL
STRUCTURE
• Operator Ø 22 mm (.866)
Shown with flying lead terminals.
With standard illuminated ring - operator height 3 mm
Flat
PBAR9
With chamfer
PBARA
Non-illuminated - operator height 3 mm (.118)
Flat
PBAR9
With chamfer
PBARA
ELECTRICAL FUNCTIONS
A
NO pulse
B
NC pulse
1
ON - OFF - Requires external power supply - Illumination type W only.
Wire colours
: see “Electrical functions”.
PBARAAF1000
PBAR9AF0000A0S
FICHIER: CPBA19-P13
le 26/11/08
ECHELLE: 0.7
indice A
CPBA191-A
CPBA192-A
R9
RA
2
0.22mm
Ø19.00x1.00 SI
(.748DIAx1.00 IS)
(.866DIA)
Ø22.00
45°
45°
Ø22.00
(.866DIA)
(.748DIAx1.00 IS)
Ø19.00x1.00 SI
0.22mm
2
RA
R9
FICHIER: CPBA19-P13
le 26/11/08
ECHELLE: 0.7
indice A
CPBA191-A
CPBA192-A
R9
RA
2
0.22mm
Ø19.00x1.00 SI
(.748DIAx1.00 IS)
(.866DIA)
Ø22.00
45°
45°
Ø22.00
(.866DIA)
(.748DIAx1.00 IS)
Ø19.00x1.00 SI
0.22mm
2
RA
R9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com