Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBAR5AF2000N0S Datasheet(PDF) 7 Page - APEM

Part # PBAR5AF2000N0S
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR5AF2000N0S Datasheet(HTML) 7 Page - APEM

Back Button PBAR5AF2000N0S Datasheet HTML 3Page - APEM PBAR5AF2000N0S Datasheet HTML 4Page - APEM PBAR5AF2000N0S Datasheet HTML 5Page - APEM PBAR5AF2000N0S Datasheet HTML 6Page - APEM PBAR5AF2000N0S Datasheet HTML 7Page - APEM PBAR5AF2000N0S Datasheet HTML 8Page - APEM PBAR5AF2000N0S Datasheet HTML 9Page - APEM PBAR5AF2000N0S Datasheet HTML 10Page - APEM PBAR5AF2000N0S Datasheet HTML 11Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
APEM
www.apem.com
B2-135
B2
PBA series
Piezo switches Ø 19 (.748)
Overview
PBA
SERIES
Terminals
F
Flying leads
C
Cable
Colours / Materials
0
Natural anodized
1
Blue anodized
2
Black anodized
3
Green anodized
5
Gold anodized
6
Red anodized
B
Stainless steel 316L
Bold = standard
Ratings
000
Standard
002
1A 24VAC / DC
(NO pulse only,
function A)
Bushing / operator
R9
Bushing Ø 19 (.748), flat
operator, height 3 (.118)
RA
Bushing Ø 19 (.748), with
chamfer, height 3 (.118)
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
For options not listed above, please contact APEM.
Type of
illumination/voltage
Blank
Non-illuminated
A
Standard ring - 5VDC
N
Standard ring - 12VDC
K
Standard ring - 24VDC
W
Standard ring,
microcontroller driven
LED colours
Blank
Non-illum.
0B
Blue
0G
Green
0S
Red
0Y
Yellow
0W
White
2A
Red/green
2B
Red/yellow
2C
Red/blue
2D
Red/white
2E
Green/blue
2F
Green/yellow
2G
Green/white
2H
Blue/yellow
2I
Blue/white
2K
Yellow/white
LED colours (continued)
3A
Red/green/blue
3B
Red/green/yellow
3D
Red/green/white
3E
Red/blue/yellow
3F
Red/blue/white
3G
Red/yellow/white
3H
Green/blue/yellow
3I
Green/blue/white
3J
Green/yellow/white
3K
Blue/yellow/white
Mounting accessories
: standard hardware supplied :1 hex nut 10-855-0 (22 mm ac. flats) and 1 O-ring
Always add a ground washer U5736 when the panel is non-conductive (PVC, polycarbonate).
Packaging unit
: 20 pieces (flying lead terminals) or 25 pieces (cable terminals)
Electrical function
A
NO (pulse)
B
NC (pulse)
1
ON - OFF
(requires external power supply,
illumination type W only)
Dimensions
: first dimensions are in mm while inches are shown as bracketted numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com