Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5045MHX/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5045MHX/NOPB
Description  LM5045 Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5045MHX/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5045MHX/NOPB Datasheet HTML 25Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 26Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 27Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 28Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 29Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 30Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 31Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 32Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Q1
Q2
Q3
Q4
VPWR
NP
NS1
NS2
RF
CF
RCS
CS
LM5045
VIN
AGND
NTC
THERMISTOR
OVP
LM5045
1.25V
20 2A
STANDBY
VPWR
5V
R1
R2
T
UVLO
LM5045
1.25V
20 2A
SHUTDOWN
VPWR
R1
STANDBY
0.4V
STANDBY
SHUTDOWN
R2
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
Figure 25. Remote Standby and Disable Control
Figure 26. Remote Thermal Protection
8.2.2.4 Current Sense
The CS pin receives an input signal representative of its transformer’s primary current, either from a current
sense transformer or from a resistor located at the junction of source pin of the primary switches, as shown in
Figure 27 and Figure 28, respectively. In both the cases, the filter components RF and CF should be located as
close to the IC as possible, and the ground connection from the current sense transformer, or RSENSE should be
a dedicated trace to the appropriate GND pin. Please refer to the Layout section for more layout tips.
The current sense components must provide a signal > 710 mV at the CS pin during an over-load event. Once
the voltage on the CS pin crosses the current limit threshold, the current sense comparator terminates the PWM
pulse and starts to charge the RES pin. Depending on the configuration of the RES pin, the LM5045 will
eventually initiate a hiccup mode restart or be in continuous current limit.
Figure 27. Transformer Current Sense
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com