Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5045MHX/NOPB Datasheet(PDF) 44 Page - Texas Instruments

Part # LM5045MHX/NOPB
Description  LM5045 Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5045MHX/NOPB Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5045MHX/NOPB Datasheet HTML 39Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 40Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 41Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 42Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 43Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 44Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 45Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 46Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.6
6.2
1.1 MAX
26X 0.65
28X 0.30
0.19
2X
8.45
TYP
0.20
0.09
0 - 8
0.10
0.02
5.65
5.25
3.15
2.75
(1)
0.25
GAGE PLANE
0.7
0.5
A
NOTE 3
9.8
9.6
B
NOTE 4
4.5
4.3
4214870/A 10/2014
PowerPAD - 1.1 mm max height
PWP0028A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm, per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm, per side.
5. Reference JEDEC registration MO-153, variation AET.
PowerPAD is a trademark of Texas Instruments.
TM
1
28
0.1
C A
B
15
14
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.800
THERMAL
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com