Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5045MHX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5045MHX/NOPB
Description  LM5045 Full-Bridge PWM Controller With Integrated MOSFET Drivers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5045MHX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5045MHX/NOPB Datasheet HTML 1Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 2Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 3Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 4Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 5Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5045MHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
LM5045
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NAME
HTSSOP
WQFN
AGND
9
5
O
Analog Ground
Connect directly to the Power Ground.
BST1
25
21
Bootstrap capacitors connected between BST1, 2 and SW1,
2 provide bias supply for the high side HO1, 2 gate drivers.
I
Gate Drive Bootstrap
External diodes are required between VCC and BST1, 2 to
BST2
18
14
charge the bootstrap capacitors when SW1, 2 are low.
An external opto-coupler connected to the COMP pin
sources current into an internal NPN current mirror. The
Input to the Pulse Width
PWM duty cycle is at maximum with zero input current, while
COMP
6
2
I
Modulator
1 mA reduces the duty cycle to zero. The current mirror
improves the frequency response by reducing the AC voltage
across the opto-coupler.
If CS exceeds 750 mV the PWM output pulse will be
terminated, entering cycle-by-cycle current limit. An internal
CS
4
28
I
Current Sense Input
switch holds CS low for 40 nS after either output switches
high to blank leading edge transients.
HO1
26
22
High side PWM outputs capable of driving the upper
O
High Side Output Driver
MOSFET of the bridge with 1.5-A peak source and 2-A peak
HO2
17
13
sink current.
HS1
27
23
Common connection of the high side FET source, low side
I
Switch Node
FET drain and transformer primary winding.
HS2
16
12
LO1
23
19
Alternating output of the PWM gate driver. Capable of 1.5-A
O
Low Side Output Driver
peak source and 2-A peak sink current.
LO2
20
16
An external voltage divider from the input power supply sets
the shutdown level during an over-voltage condition.
Alternatively, an external NTC thermistor voltage divider can
OVP/OTP
2
26
I
Overvoltage Protection
be used to set the shutdown temperature. The threshold is
1.25 V. Hysteresis is set by an internal current that sources
20 µA of current into the external resistor divider.
PGND
22
18
O
Power Ground
Connect directly to Analog Ground
Modulation ramp for the PWM comparator. This ramp can be
a signal representative of the primary current (current mode)
RAMP
3
27
I
Input to PWM Comparator
or proportional to the input voltage (feed-forward voltage
mode). This pin is reset to GND at the end of every cycle.
The resistance connected between RD1 and AGND sets the
Synchronous Rectifier
RD1
10
6
I
delay from the falling edge of SR1 or SR2 and the rising
Leading Edge Delay
edge of HO2/LO1 or HO1/LO2, respectively.
The resistance connected between RD2 and AGND sets the
Synchronous Rectifier
RD2
11
7
I
delay from the falling edge of HO1/LO2 or HO2/LO1 and the
Trailing Edge Delay
rising edge of SR2 or SR1, respectively.
Maximum output current is 15 mA. Locally decouple with a
REF
7
3
O
Output of a 5V reference
0.1-µF capacitor.
Whenever the CS pin exceeds the 750-mV cycle-cycle
current limit threshold, 30-µA current is sourced into the RES
capacitor for the remainder of the PWM cycle. If the RES
capacitor voltage reaches 1.0 V, the SS capacitor is
discharged to disable the HO1, HO2, LO1, LO2 and SR1,
RES
12
8
I
Restart Timer
SR2 outputs. The SS pin is held low until the voltage on the
RES capacitor has been ramped between 2-V and 4-V eight
times by 10-µA charge and 5-µA discharge currents. After
the delay sequence, the SS capacitor is released to initiate a
normal start-up sequence.
The resistance connected between RT and AGND sets the
Oscillator Frequency
oscillator frequency. Synchronization is achieved by AC
RT/SYNC
8
4
O
Control and Frequency
coupling a pulse to the RT/SYNC pin that raises the voltage
Synchronization
at least 1.5 V above the 2-V nominal bias level.
A ramping current source from 0 to 100 µA is provided for
slope compensation in current mode control. This pin can be
Slope Compensation
SLOPE
5
1
O
connected through an appropriate resistor to the CS pin to
Current
provide slope compensation. If slope compensation is not
required, SLOPE must be tied to ground.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com