Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MAE/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP7717MAE/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MAE/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP7717MAE/NOPB Datasheet HTML 9Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 10Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 11Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 12Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 13Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 14Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 15Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 16Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
100 ns/DIV
VIN = 100 mVPP
f = 1 MHz, AV = +10
V
+
= 2.5V, CL = 10 pF
100 ns/DIV
VIN = 2 mVPP
f = 1 MHz, AV = +10
V
+
= 2.5V, CL = 10 pF
160
1k
100k
100M
FREQUENCY (Hz)
0
60
10M
1M
10k
120
100
40
20
80
140
100 ns/DIV
VIN = 2 mVPP
f = 1 MHz, AV = +10
V
+
= 5V, CL = 10 pF
100k
1M
10M
100M
-20
0
20
40
60
80
100
FREQUENCY (Hz)
-20
0
20
40
60
80
100
PHASE
GAIN
V
+
= 5V
CL = 20 pF
RL = 2 k:, 10 k:
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0.1
1
10
100
1000
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = 5V, V
S = V
+ - V−, V
CM = VS/2.
Closed Loop Output Impedance
vs.
Open Loop Gain and Phase
Frequency
Figure 36.
Figure 37.
Crosstalk Rejection
Small Signal Transient Response, AV = +10
Figure 38.
Figure 39.
Large Signal Transient Response, AV = +10
Small Signal Transient Response, AV = +10
Figure 40.
Figure 41.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com