Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MAE/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMP7717MAE/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MAE/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP7717MAE/NOPB Datasheet HTML 16Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 17Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 18Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 19Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 20Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 21Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 22Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 23Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Figure 53. RC = 240Ω and C = 390 pF, Gain = −1
Figure 54. RC = 240Ω and C = 2.2 nF, Gain = −1
To summarize, the following steps were taken to compensate the LMP7717 for a gain of
−1:
1. Values for Rc and C were calculated from the Bode plot to give an expected phase margin of 45°. The values
were based on RIN = RF = 2 kΩ. These calculations gave Rc = 330Ω and C = 390 pF.
2. To reduce the ringing C was increased to 2.2 nF which moved the pole of F, the feedback factor, farther
away from the AVOL curve.
3. There was still too much ringing so 2 dB of over-compensation was added to F. This was done by
decreasing RC to 240Ω.
The LMP7715 is the fully compensated part which is comparable to the LMP7717. Using the LMP7715 in the
same setup, but removing the compensation network, provided the response shown in Figure 55 .
Figure 55. LMP7715 Response
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com