Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MAE/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP7717MAE/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MAE/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMP7717MAE/NOPB Datasheet HTML 1Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 2Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 3Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 4Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 5Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 6Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 7Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 8Page - Texas Instruments LMP7717MAE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
0.1
1
10
1k
10k
FREQUENCY (Hz)
1
10
100
1000
100
5V
2.5V
CCM
IIN
RF
VOUT
+
-
+
-
VB
CF
CD
VOUT
IIN
- RF
=
CIN = CD + CCM
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Typical Application
Figure 1. Photodiode Transimpedance Amplifier
Figure 2. Input Referred Voltage Noise vs. Frequency
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com