Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MF/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LMP7717MF/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MF/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP7717MF/NOPB Datasheet HTML 14Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 15Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 16Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 17Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 18Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 19Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 20Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 21Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
1k
10k
100k
1M
10M
100M
-20
0
20
40
60
80
100
FREQUENCY (Hz)
PHASE
AVOL
with ADDITIONAL
COMPENSATION
GBP
2
nd POLE
ADDITIONAL
COMPENSATION
45°PHASE
MARGIN
f2
F
1
F
1
=
1
F f = f
1 +
RF
RIN
¨
¨
©
§
1 +
RIN || RF
RC
¨
¨
©
§
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
(8)
From this formula, we can see that
•
1/F's zero is located at a lower frequency compared with 1/F's pole.
•
1/F's value at low frequency is 1 + RF/RIN.
•
This method creates one additional pole and one additional zero.
•
This pole-zero pair will serve two purposes:
–
To raise the 1/F value at higher frequencies prior to its intercept with A, the open loop gain curve, in order
to meet the Gmin = 10 requirement. For the LMP7717 some overcompensation will be necessary for good
stability.
–
To achieve the previous purpose above with no additional loop phase delay.
Please note the constraint 1/F
≥ Gmin needs to be satisfied only in the vicinity where the open loop gain A and
1/F intersect; 1/F can be shaped elsewhere as needed. The 1/F pole must occur before the intersection with the
open loop gain A.
In order to have adequate phase margin, it is desirable to follow these two rules:
Rule 1 1/F and the open loop gain A should intersect at the frequency where there is a minimum of 45° of phase
margin. When over-compensation is required the intersection point of A and 1/F is set at a frequency
where the phase margin is above 45°, therefore increasing the stability of the circuit.
Rule 2 1/F’s pole should be set at least one decade below the intersection with the open loop gain A in order to
take advantage of the full 90° of phase lead brought by 1/F’s pole which is F’s zero. This ensures that the
effect of the zero is fully neutralized when the 1/F and A plots intersect each other.
Calculating Lead-Lag Compensation for LMP7717
Figure 50 is the same plot as Figure 46, but the AVOL and phase curves have been redrawn as smooth lines to
more readily show the concepts covered, and to clearly show the key parameters used in the calculations for
lead-lag compensation.
Figure 50. LMP7717/LMP7718 Simplified Bode Plot
To obtain stable operation with gains under 10 V/V the open loop gain margin must be reduced at high
frequencies to where there is a 45° phase margin when the gain margin of the circuit with the external
compensation is 0 dB. The pole and zero in F, the feedback factor, control the gain margin at the higher
frequencies. The distance between F and AVOL is the gain margin; therefore, the unity gain point (0 dB) is where
F crosses the AVOL curve.
For the example being used RIN = RF for a gain of −1. Therefore F = 6 dB at low frequencies. At the higher
frequencies the minimum value for F is 18 dB for 45° phase margin. From Equation 5 we have the following
relationship:
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com