Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MF/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP7717MF/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MF/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP7717MF/NOPB Datasheet HTML 3Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 4Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 5Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 6Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 7Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 8Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 9Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 10Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
OUT A
-IN A
+IN A
V
-
1
2
3
4
+IN B
-IN B
OUT B
V
+
5
6
7
8
+
+ -
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
N/C
OUTPUT
N/C
-
+
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
4
5
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2 = V
O. Boldface limits apply at
the temperature extremes.
Symbo
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
l
IS
Supply Current per Amplifier
LMP7717
1.15
1.40
1.75
mA
LMP7718 per channel
1.30
1.70
2.05
SR
Slew Rate
AV = +10, Rising (10% to 90%)
35
V/
μs
AV = +10, Falling (90% to 10%)
28
GBW
Gain Bandwidth
AV = +10, RL = 10 kΩ
88
MHz
en
Input Referred Voltage Noise Density
f = 1 kHz
5.8
nV/
√Hz
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, RL = 600Ω
0.01
%
CONNECTION DIAGRAMS
Figure 3. 5-Pin SOT-23 (LMP7717)
Top View
Figure 4. 8-Pin SOIC (LMP7717)
Top View
Figure 5. 8-Pin SOIC/VSSOP (LMP7718)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com