Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MF/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LMP7717MF/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MF/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMP7717MF/NOPB Datasheet HTML 22Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 23Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 24Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 25Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 26Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 27Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 28Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 29Page - Texas Instruments LMP7717MF/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Figure 64. Rise Time
In Figure 63 the ringing and the hump during the on time is from the laser. The higher drive levels for the laser
gave ringing in the light source as well as light changing from the thermal characteristics. The hump is due to the
thermal characteristics.
Solving for CF using a 100 kΩ feedback resistor, the calculated value is 0.54 pF. One of the problems with more
gain is the very small value for CF. A 0.5 pF capacitor was used, its measured value being 0.64 pF. For the 0.64
pF location the pole is at 2.5 MHz. Figure 65 shows the response for a 1V output.
Figure 65. High Gain Response
A transimpedance amplifier is an excellent application for the LMP7717. Even with the high gain using a 100 k
Ω
feedback resistor, the bandwidth is still well over 1 MHz. Other than a little over compensation for the 10 k
Ω
feedback resistor configuration using the LMP7717 was quite easy. Of course a very good board layout was also
used for this test.
26
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com