Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5036 Datasheet(PDF) 35 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 31Page - Texas Instruments LP5036 Datasheet HTML 32Page - Texas Instruments LP5036 Datasheet HTML 33Page - Texas Instruments LP5036 Datasheet HTML 34Page - Texas Instruments LP5036 Datasheet HTML 35Page - Texas Instruments LP5036 Datasheet HTML 36Page - Texas Instruments LP5036 Datasheet HTML 37Page - Texas Instruments LP5036 Datasheet HTML 38Page - Texas Instruments LP5036 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
35
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table 25. LED11_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED11_BRIGHTNESS
R/W
FFh
00h = 0% of full intensity
...
80h = 50% of full intensity
...
FFh = 100 % of full intensity
8.6.21 OUT0_COLOR (Address = 14h) [reset = 00h]
OUT0_COLOR is shown in Figure 41 and described in Table 26.
Return to Table 4.
Figure 41. OUT0_COLOR Register
7
6
5
4
3
2
1
0
OUT0_COLOR
R/W-00h
Table 26. OUT0_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT0_COLOR
R/W
00h
00h = The color mixing percentage is 0%.
...
80h = The color mixing percentage is 50%.
...
FFh = The color mixing percentage is 100%.
8.6.22 OUT1_COLOR (Address = 15h) [reset = 00h]
OUT1_COLOR is shown in Figure 42 and described in Table 27.
Return to Table 4.
Figure 42. OUT1_COLOR Register
7
6
5
4
3
2
1
0
OUT1_COLOR
R/W-00h
Table 27. OUT1_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT1_COLOR
R/W
00h
00h = The color mixing percentage is 0%.
...
80h = The color mixing percentage is 50%.
...
FFh = The color mixing percentage is 100%.
8.6.23 OUT2_COLOR (Address = 16h) [reset = 00h]
OUT2_COLOR is shown in Figure 43 and described in Table 28.
Return to Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com