Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5036 Datasheet(PDF) 46 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 42Page - Texas Instruments LP5036 Datasheet HTML 43Page - Texas Instruments LP5036 Datasheet HTML 44Page - Texas Instruments LP5036 Datasheet HTML 45Page - Texas Instruments LP5036 Datasheet HTML 46Page - Texas Instruments LP5036 Datasheet HTML 47Page - Texas Instruments LP5036 Datasheet HTML 48Page - Texas Instruments LP5036 Datasheet HTML 49Page - Texas Instruments LP5036 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
46
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.6.50 OUT29_COLOR (Address = 31h) [reset = 00h]
OUT29_COLOR is shown in Figure 70 and described in Table 55.
Return to Table 4.
Figure 70. OUT29_COLOR Register
7
6
5
4
3
2
1
0
OUT29_COLOR
R/W-00h
Table 55. OUT29_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT29_COLOR
R/W
00h
00h = The color mixing percentage is 0%.
...
80h = The color mixing percentage is 50%.
...
FFh = The color mixing percentage is 100%.
8.6.51 OUT30_COLOR (Address = 32h) [reset = 00h]
OUT30_COLOR is shown in Figure 71 and described in Table 56.
Return to Table 4.
Figure 71. OUT30_COLOR Register
7
6
5
4
3
2
1
0
OUT30_COLOR
R/W-00h
Table 56. OUT30_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT30_COLOR
R/W
00h
00h = The color mixing percentage is 0%.
...
80h = The color mixing percentage is 50%.
...
FFh = The color mixing percentage is 100%.
8.6.52 OUT31_COLOR (Address = 33h) [reset = 00h]
OUT31_COLOR is shown in Figure 72 and described in Table 57.
Return to Table 4.
Figure 72. OUT31_COLOR Register
7
6
5
4
3
2
1
0
OUT31_COLOR
R/W-00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com