Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5036 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 2Page - Texas Instruments LP5036 Datasheet HTML 3Page - Texas Instruments LP5036 Datasheet HTML 4Page - Texas Instruments LP5036 Datasheet HTML 5Page - Texas Instruments LP5036 Datasheet HTML 6Page - Texas Instruments LP5036 Datasheet HTML 7Page - Texas Instruments LP5036 Datasheet HTML 8Page - Texas Instruments LP5036 Datasheet HTML 9Page - Texas Instruments LP5036 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
6
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
LP5030
LP5036
OUT7
8
8
O
Current sink output 7. If not used, this pin can be left floating.
OUT8
9
9
O
Current sink output 8. If not used, this pin can be left floating.
OUT9
10
10
O
Current sink output 9. If not used, this pin can be left floating.
OUT10
11
11
O
Current sink output 10. If not used, this pin can be left floating.
OUT11
12
12
O
Current sink output 11. If not used, this pin can be left floating.
OUT12
13
13
O
Current sink output 12. If not used, this pin can be left floating.
OUT13
14
14
O
Current sink output 13. If not used, this pin can be left floating.
OUT14
15
15
O
Current sink output 14. If not used, this pin can be left floating.
OUT15
16
16
O
Current sink output 15. If not used, this pin can be left floating.
OUT16
17
17
O
Current sink output 16. If not used, this pin can be left floating.
OUT17
18
18
O
Current sink output 17. If not used, this pin can be left floating.
OUT18
19
19
O
Current sink output 18. If not used, this pin can be left floating.
OUT19
20
20
O
Current sink output 19. If not used, this pin can be left floating.
OUT20
21
21
O
Current sink output 20. If not used, this pin can be left floating.
OUT21
22
22
O
Current sink output 21. If not used, this pin can be left floating.
OUT22
23
23
O
Current sink output 22. If not used, this pin can be left floating.
OUT23
24
24
O
Current sink output 23. If not used, this pin can be left floating.
OUT24
25
25
O
Current sink output 24. If not used, this pin can be left floating.
OUT25
26
26
O
Current sink output 25. If not used, this pin can be left floating.
OUT26
27
27
O
Current sink output 26. If not used, this pin can be left floating.
OUT27
28
28
O
Current sink output 27. If not used, this pin can be left floating.
OUT28
29
29
O
Current sink output 28. If not used, this pin can be left floating.
OUT29
30
30
O
Current sink output 29. If not used, this pin can be left floating.
OUT30
—
31
O
Current sink output 30. If not used, this pin can be left floating.
OUT31
—
32
O
Current sink output 31. If not used, this pin can be left floating.
OUT32
—
33
O
Current sink output 32. If not used, this pin can be left floating.
OUT33
—
34
O
Current sink output 33. If not used, this pin can be left floating.
OUT34
—
35
O
Current sink output 34. If not used, this pin can be left floating.
OUT35
—
36
O
Current sink output 35. If not used, this pin can be left floating.
SCL
42
42
I
I2C bus clock line. If not used, this pin must be connected to GND or VCC.
SDA
41
41
I/O
I2C bus data line. If not used, this pin must be connected to GND or VCC.
VCAP
45
45
—
Internal LDO output pin, this pin must be connected to a 1-µF capacitor to
GND.
VCC
40
40
I
Input power.
GND
37
37
—
The ground pin for the device.
GND
46
46
—
The ground pin for the device.
Thermal pad
GND
GND
—
Exposed thermal pad also serves as a ground for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com