Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB25-P9 Datasheet(PDF) 3 Page - Amphenol PCD, Inc

Part # TV10DB25-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB25-P9 Datasheet(HTML) 3 Page - Amphenol PCD, Inc

  TV10DB25-P9 Datasheet HTML 1Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 2Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 3Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
HIGH DENSITY INTERCONNECTS
1.
2.
3.
4.
5.
6.
7.
Connector Type
Shell Style
Service Class
Shell Size - Insert
Arrangement
Contact Type
Alternate
Positions
PCB
Optional
TV or PTV
(Potted version)
07
RW
23-151
P
B
(P25)
4. Shell Size – Insert Arrangement
Shell Size
Insert Arrangement
Number
9-
9
11-
19
13-
32
15-
55
17-
73
19-
88
21-
121
23-
151
25-
187
2. Shell Style
00
Wall Mount Receptacle
40
Wall Mount Double
Flange Receptacle
10
Wall Mount (Clinch
Nuts)
80
Wall Mount with Integral
Backshell
02
Box Mount Receptacle
12
Box Mount (Clinch Nuts)
01
Line Receptacle
07
Jam Nut Receptacle
47
Jam Nut Double Flange
Receptacle
87
Jam Nut with Integral
Backshell
97
Reduced Flange Jam
Nut Receptacle
98
Reduced Flange Jam
Nut with Standoffs
06
Straight Plug
96
Straight Plug with
Integral Backshell (not
available in composite)
76
Plug with
Integral Strain Relief
1. Connector Type
TV
Tri-Start Series Connector
TVP
Panel Mounted Receptacle
CTV
Composite Tri-Start Series
CTVP Panel Mounted Composite
P (prefix forPotted)
Shell Sizes are MIL-DTL-38999, Series III.
5. Contact Type
P 500 Cycle Pin Contacts
S 500 Cycle Socket Contacts
H 1500 Cycle Pin Contacts
J 1500 Cycle Socket Contacts
3. Service Class (ALL 175°C)
RW
Corrosion resistant olive drab cad-
mium plated aluminum, 500 hour
extended salt spray
DT
Durmalon plated, alternative to
cadmium. Corrosion resistant, 500
hour extended salt spray
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
DZ
Black Zinc-Nickel alternative to
cadmium. 500 hour salt spray,
conductive
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
DW
Corrosion resistant olive drab cad-
mium plated aluminum, 1,000 hour
extended salt spray
RB
Marine Bronze - 500 hour salt spray
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
RF
Electroless nickel plated aluminum,
48 hour salt spray
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
RK
Corrosion resistant stainless steel,
firewall capability, plus 500 hour salt
spray resistance
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
RKN
Corrosion resistant stainless steel,
Nonfirewall capability, plus 500 hour
salt spray resistance
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
RL
Corrosion resistant steel, electro
deposited nickel, 500 hour salt
spray, non firewall
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
RS
(Non-hermetic connectors), Nickel
plated, corrosion resistant steel,
firewall capability, 500 hour salt
spray
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
DB
Black Electroless Nickel, 100 hour
salt spray
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
*Add P prefix for potted ex: PTV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com