Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB25-P9 Datasheet(PDF) 8 Page - Amphenol PCD, Inc

Part # TV10DB25-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB25-P9 Datasheet(HTML) 8 Page - Amphenol PCD, Inc

Back Button TV10DB25-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 9Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 10Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 11Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 12Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
BOX MOUNT RECEPTACLE
TVP02(
) - CRIMP, METAL
CTVP02(
)- CRIMP, COMPOSITE
Shell
Size
MS
Shell
Size
Code
B Thread
Class 2A
0.1P-0.3L-
TS (Plated)
L Max.
(TV)
L1
Max.
(CTV)
M
+.000
–.005
(TV)
M1
+.000
–.005
(CTV)
R1
R2
S Max.
T
±.008
Z.
Max.
(TV)
Z1
Max.
(CTV)
A1 Back
Panel
Mount
A2
Front
Panel
Mount
AA Max.
Panel
Thickness
LL
+.006
–.000
(TV)
LL1
±.005
(CTV)
TT
±.008
9
A
.6250
.205
.250
.820
.773
.719
.594
.948
.128
.153
.198
.650
.510
.234
.905
.908
.216
11
B
.7500
.205
.250
.820
.773
.812
.719 1.043
.128
.153
.198
.800
.620
.234
.905
.908
.194
13
C
.8750
.205
.250
.820
.773
.906
.812 1.137
.128
.153
.198
.910
.740
.234
.905
.908
.194
15
D
1.0000
.205
.250
.820
.773
.969
.906 1.232
.128
.153
.198
1.040
.900
.234
.905
.908
.173
17
E
1.1875
.205
.250
.820
.773 1.062 .969 1.323
.128
.153
.198
1.210
1.010
.234
.905
.908
.194
19
F
1.2500
.205
.250
.820
.773 1.156 1.062 1.449
.128
.153
.198
1.280
1.130
.234
.905
.908
.194
21
G
1.3750
.235
.280
.790
.741 1.250 1.156 1.575
.128
.183
.228
1.410
1.250
.204
.905
.904
.194
23
H
1.5000
.235
.280
.790
.741 1.375 1.250 1.701
.154
.183
.228
1.530
1.360
.204
.905
.904
.242
25
J
1.6250
.235
.280
.790
.741 1.500 1.375 1.823
.154
.183
.228
1.660
1.470
.204
.905
.904
.242
M (TV)
M (CTV)
LL (TV)
LL (CTV)
1
1
AA
B
THREAD
BLUE
BAND††
RED
BAND†
L (TV)
L (CTV)
1
Z (TV)
Z (CTV)
1
M
.005
T
4 PLACES
TT
4 PLACES
S
2 PLACES
2 PLACES
2 PLACES
R1
R 2
BACK PANEL
MOUNTING
FRONT PANEL
MOUNTING
A1
A2
See how to build a part number on pages 2 & 3
† Red band indicates fully mated
†† Blue band indicates rear release contact retention system.
**Consult Amphenol Aerospace for availability for box mount receptacles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com