Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB25-P9 Datasheet(PDF) 5 Page - Amphenol PCD, Inc

Part # TV10DB25-P9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB25-P9 Datasheet(HTML) 5 Page - Amphenol PCD, Inc

  TV10DB25-P9 Datasheet HTML 1Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 2Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 3Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB25-P9 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
CONTACTS & TOOLS
CONTACT PART NUMBERS*:
Size 23 Sockets 10-597330-735 (M39029/17-172)
Size 23 Pins
10-597331-735 (M39029/18-177)
Sealing Plugs 10-405996-222 (MS27488-22-2)
*Amphenol may use other contacts not listed above
TOOLS:
Crimp Tool:
Daniels M22520/2-01
Positioner:
Daniels M22520/2-16 Socket
Daniels M22520/2-13 Pin
Insertion Tool: Daniels DAK225-22
Removal Tool: Daniels DRK225-22
Insertion/Removal Tool: M81969/16-04 (Plastic)
CRIMP BARREL DIA.:
(Inches) .034-.036
CRIMP BARREL
DEPTH:
(Inches) .151-.155
TECHNICAL DATA
HD38999 series was designed to meet and/or exceed the specifications of MIL-DTL-38999. The connector series has
been tested to all the requirements of 38999 with the use of AS39029 size 23 contacts. Test reports are available upon
request. The following is a summary of some of the performance requirements.
EMI SHIELDING EFFECTIVENESS:
Solid metal to metal coupling, EMI grounding
fingers and conductive finishes have proven
to be the ultimate in EMI/EMP shielding
effectiveness. The following chart illustrated
shielding effectiveness data which is typical in
HD38999 connectors.
140
120
100
80
60
40
20
0
100
200
300
400
500
600
700800
NICKEL CLASS F,CLASS M
TYPICAL SHIELD EFFECTIVENESS DATA
FREQ UENCY MEGAHERTZ
NICKEL CLASS F,CLASS M
MIL-DTL-38999 REQUIREMENTS
140
120
100
80
60
40
20
0
1
2
34
5
NICKEL CLASS F,CLASS M
TYPICAL SHIELD EFFECTIVENESS DATA
NICKEL CLASS F,CLASS M
MIL-DTL-38999 REQUIREMENTS
6
7
8
9
10
FREQ UENCY GIGAHERTZ
Note: Wire insulation diameter greater than 0.045 is too large for the extraction tool
to work properly. Connector damage is possible.
ELECTRICAL:
22 AWG: 5.0 AMPS
24 AWG: 3.0 AMPS
26 AWG: 2.0 AMPS
28 AWG: 1.5 AMPS
Insulation Resistance: 5000 megohms min.@500 VDC 25C
Dielectric Withstanding Voltage: 1000 VRMS@sea level
MECHANICAL:
Metallic Shells:
Material:
Aluminum alloy, Stainless Steel
Protection:
Electroless Nickel, O.D. Cadmium,
Durmalon (Nickel PTFE), Zinc Nickel
Composite Shells:
Material: Thermoplastic Protection:
Electroless Nickel, O.D. Cadmium, Durmalon
(Nickel PTFE), Zinc Nickel
Contacts:
Material:
Copper Alloy
Protection:
Gold over Nickel
Insert Retention to Shell: 100 psi in axial load
Durability: 500 full mating and unmating cycles
Vibration: 60G sine per MIL-DTL-38999L Para 4.5.23.2.1
5G2 Random per EIA-364-28E, Test condition A
1G2 Random per EIA-364-28E, Test condition I
Shock: Per EIA-364-27B, 300g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com