Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4810CHDTLF Datasheet(PDF) 74 Page - STMicroelectronics

Part # STW4810CHDTLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDTLF Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STW4810CHDTLF Datasheet HTML 70Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 71Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 72Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 73Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 74Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 75Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 76Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 77Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 78Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
Package mechanical data
STw4810
74/78
7.2
VFBGA 84 balls
See
Figure 17: VFBGA 84 balls 4.6x4.6x1.0 mm ball pitch drawing.
Table 56.
VFBGA 84 balls / 4.6x4.6x1.0 mm body size / 0.4 mm ball pitch(1)
1.
These measurements conform to JEDEC standards
Drawing dimensions (mm)
Min.
Typ.
Max.
A
0.864
A1
0.15
0.19
0.23
A2
0.615
A3
0.18
A4
0.435
b
0.210.250.29
D
4.554.604.65
D1
3.60
E
4.554.604.65
E1
3.60
e0.40
f0.50
ddd
0.08
eee
0.13
fff
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com