Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4810CHDTLF Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW4810CHDTLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDTLF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW4810CHDTLF Datasheet HTML 27Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 28Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 29Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 30Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 31Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 32Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 33Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 34Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
STw4810
Functional description
31/78
Power control register at address 08h
Power control register at address 09h
Table 25.
Power control register at address 08h
Address 1Fh
Address 1Eh
15
14
13
12
11
10
9876
5
4321
0
Not used
0100
0
en_clk
square
r
en_mo
nitorin
g
en_
vana
not
used
EN
Bits
Name
Value
Settings
Default
4
en_clock_squarer
0
1
Disabled
Enabled (sine wave signal input)
0
3
en_monitoring
0
1
Disabled / MONITORING = OFF
Enabled / VCORE & VIO_VMEM monitoring = ON
1
2
en_vana
0
1
Disabled / VANA = OFF
Enabled / VANA = ON
1
Table 26.
Power control register at address 09h
Address 1Fh
Address 1Eh
15
14
13
12
11
10
9876
5
4321
0
Not used
0100
1
vaux_
sleep
not
used
not
used
not
used
EN
Bits
Name
Value
Settings
Default
4
vaux_sleep
0
1
When PWREN is low:
VAUX stays in normal mode
VAUX goes in sleep mode (default)
1
2
Not used
Reserved
1
1
Not used
Reserved
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com