Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4810CHDTLF Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW4810CHDTLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDTLF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW4810CHDTLF Datasheet HTML 11Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 12Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 13Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 14Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 15Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 16Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 17Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 18Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
STw4810
Functional description
15/78
REQUEST_MC ball. STw4810 remains in internal oscillator mode until it receives the
external clock signal on MASTER_CLK ball.
EXT_CLK: When MASTER_CLK is detected, the STw4810 uses this clock as reference and
switches off its internal oscillator to save quiescent. MASTERCLK should remain connected
up to sleep mode.
Sleep: Sleep mode is required by multimedia processor by setting a PWREN at low level.
Then VDDOK is forced to 0, regulators (VCORE, VIO_VMEM) switch to sleep mode and
wait for PWREN at high level (
Figure 4).
Wake-up: From sleep mode, the multimedia processor requests to switch back to Normal
mode. Thus the device restarts its internal oscillator and then switches regulators from sleep
to normal mode and informs multimedia processor with VDDOK at high level (
Figure 4).
Note:
By default VAUX is in stand by mode, pdn_vaux = 0 (Table 18). It can be programmed in
normal mode only by asserted pdn_vaux bit to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com