Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC31RF80IRMPT Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC31RF80IRMPT
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80IRMPT Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC31RF80IRMPT Datasheet HTML 28Page - Texas Instruments ADC31RF80IRMPT Datasheet HTML 29Page - Texas Instruments ADC31RF80IRMPT Datasheet HTML 30Page - Texas Instruments ADC31RF80IRMPT Datasheet HTML 31Page - Texas Instruments ADC31RF80IRMPT Datasheet HTML 32Page - Texas Instruments ADC31RF80IRMPT Datasheet HTML 33Page - Texas Instruments ADC31RF80IRMPT Datasheet HTML 34Page - Texas Instruments ADC31RF80IRMPT Datasheet HTML 35Page - Texas Instruments ADC31RF80IRMPT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
V
CM
50
50
CLKINP
100
SYSREFP
SYSREF
Capture
Delay
CLKINM
SYSREFM
Clock Amplitude (vPP)
0.2
1
2
50
100
150
200
250
300
350
D061
fIN = 1 GHz
fIN = 2 GHz
32
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
The analog-to-digital converter (ADC) aperture jitter is a function of the clock amplitude applied to the pins.
Figure 88 shows the equivalent aperture jitter for input frequencies at a 1-GHz and a 2-GHz input. Depending on
the clock frequency, a matching circuit can be designed in order to maximize the clock amplitude.
Figure 88. Equivalent Aperture Jitter vs Input Clock Amplitude
8.3.3 SYSREF Input
The SYSREF signal is a periodic signal that is sampled by the ADC31RF80 device clock and is used to align the
boundary of the local multiframe clock inside the data converter. SYSREF is also used to reset critical blocks
[such as the clock divider for the interleaved ADCs, numerically-controlled oscillators (NCOs), decimation filters
and so forth].
The SYSREF input requires external biasing. Furthermore, SYSREF must be established before the SPI
registers are programmed. A programmable delay on the SYSREF input, as shown in Figure 89, is available to
help with skew adjustment when the sampling clock and SYSREF are not provided from the same source.
Figure 89. SYSREF Internal Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com