| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 51 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 51 Page - Texas Instruments |
|
51 / 168 page ![]() 5.3.3 ADC_CAL Table 5-11. ADC_CAL Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] ADC_CAL0 (1) I ADC Calibration Pin 0 U16 U16 U16 ADC_CAL1 (1) I ADC Calibration Pin 1 T15 T15 T15 ADC_CAL2 (2) A ADC Calibration Pin 2 U17 U17 ADC_CAL3 (3) A ADC Calibration Pin 3 N17 N17 (1) This pin is shared between ADC[0:4] and ADC_R[0:1]. (2) This pin is shared between ADC_R[0]. (3) This pin is shared between ADC_R[1]. 5.3.4 ADC VREF Table 5-12. ADC_VREF Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] ADC_VREFHI_G0 A ADC Reference (Positive) V14 V14 V14 ADC_VREFHI_G1 (2) A ADC Reference (Positive) V10 V10 V10 ADC_VREFHI_G2 A ADC Reference (Positive) V6 V6 V6 ADC_VREFHI_G3 (5) A ADC Reference (Positive) V17 V17 ADC_VREFLO_G0 (1) A ADC Reference (Negative) V13 V13 V13 ADC_VREFLO_G1 (3) A ADC Reference (Negative) V11 V11 V11 ADC_VREFLO_G2 (4) A ADC Reference (Negative) V7 V7 V7 ADC_VREFLO_G3 (5) A ADC Reference (Negative) V16 V16 (1) This pin should be connected (shorted) to analog ground (VSSA). (2) This pin can be connected (shorted) to ADC_VREFHI_G0. (3) This pin can be connected (shorted) to ADC_VREFLO_G0. (4) This pin can be connected (shorted) to analog ground (VSSA). (5) This pin only exists on the ZCZ_S package to support ADC_R[0:1] 5.3.5 CPSW Table 5-13. CPSW0 RGMII1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] RGMII1_RXC I RGMII Receive Clock R17 R17 R17 RGMII1_RX_CTL I RGMII Receive Control R18 RGMII1_TXC O RGMII Transmit Clock N18 N18 N18 RGMII1_TX_CTL O RGMII Transmit Control M18 M18 M18 RGMII1_RD0 I RGMII Receive Data 0 U17 RGMII1_RD1 I RGMII Receive Data 1 T17 RGMII1_RD2 I RGMII Receive Data 2 U18 RGMII1_RD3 I RGMII Receive Data 3 T18 RGMII1_TD0 O RGMII Transmit Data 0 P16 P16 P16 RGMII1_TD1 O RGMII Transmit Data 1 P17 RGMII1_TD2 O RGMII Transmit Data 2 P18 RGMII1_TD3 O RGMII Transmit Data 3 N17 Table 5-14. CPSW0 RGMII2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] RGMII2_RXC I RGMII Receive Clock K15 K15 K15 RGMII2_RX_CTL I RGMII Receive Control K16 K16 K16 RGMII2_TXC O RGMII Transmit Clock H18 H18 H18 RGMII2_TX_CTL O RGMII Transmit Control L16 L16 L16 RGMII2_RD0 I RGMII Receive Data 0 K17 K17 K17 www.ti.com AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 51 Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |