| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 168 page ![]() Table 5-65. GPIO Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] GPIO85 IO General Purpose Input/Output L17 L17 L17 GPIO86 IO General Purpose Input/Output L18 L18 L18 GPIO87 IO General Purpose Input/Output G17 G17 G17 GPIO88 IO General Purpose Input/Output F17 F17 F17 GPIO89 IO General Purpose Input/Output G18 G18 G18 GPIO90 IO General Purpose Input/Output G15 G15 G15 GPIO91 IO General Purpose Input/Output K15 K15 K15 GPIO92 IO General Purpose Input/Output K16 K16 K16 GPIO93 IO General Purpose Input/Output K17 K17 K17 GPIO94 IO General Purpose Input/Output K18 K18 K18 GPIO95 IO General Purpose Input/Output J18 J18 J18 GPIO96 IO General Purpose Input/Output J17 J17 J17 GPIO97 IO General Purpose Input/Output H18 H18 H18 GPIO98 IO General Purpose Input/Output L16 L16 L16 GPIO99 IO General Purpose Input/Output M16 M16 M16 (1) GPIO134 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. (2) GPIO135 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. (3) This pin is is only supported in the ZCZ_C package option 5.3.12 I2C Table 5-66. I2C0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] I2C0_SCL (2) IOD I2C Clock A13 A13 A13 I2C0_SDA (1) IOD I2C Data B13 B13 B13 (1) I2C0_SDA is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. (2) I2C0_SCL is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. Table 5-67. I2C1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] I2C1_SCL (1) IO I2C Clock B5, D7 B5, D7 B5, D7 I2C1_SDA (2) IO I2C Data A3, C8 A3, C8 A3, C8 (1) I2C1_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. (2) I2C1_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. Table 5-68. I2C2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] I2C2_SCL (1) IO I2C Clock C6, C7 C6, C7 C6, C7 I2C2_SDA (2) IO I2C Data A5, B7 A5, B7 A5, B7 (1) I2C2_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. (2) I2C2_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. Table 5-69. I2C3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] I2C3_SCL (2) IO I2C Clock B15, H2 B15, H2 B15, H2 I2C3_SDA (1) IO I2C Data A16, G3 A16, G3 A16, G3 (1) I2C3_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. www.ti.com AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 61 Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |