| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 57 Page - Texas Instruments |
|
57 / 168 page ![]() 5.3.9 EQEP Table 5-54. EQEP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EQEP0_A I EQEP Quadrature Input A B14, U18 B14 B14 EQEP0_B I EQEP Quadrature Input B A14, T18 A14 A14 EQEP0_INDEX IO EQEP Index D11, N18 D11, N18 D11, N18 EQEP0_STROBE IO EQEP Strobe C12, M18 C12, M18 C12, M18 Table 5-55. EQEP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EQEP1_A I EQEP Quadrature Input A D15, P16 D15, P16 D15, P16 EQEP1_B I EQEP Quadrature Input B C15, P17 C15 C15 EQEP1_INDEX IO EQEP Index N17, P2 P2 P2 EQEP1_STROBE IO EQEP Strobe B16, P18 B16 B16 Table 5-56. EQEP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] EQEP2_A (1) ID EQEP Quadrature Input A B13, R17 B13, R17 B13, R17 EQEP2_B (2) ID EQEP Quadrature Input B A13, R18 A13 A13 EQEP2_INDEX IO EQEP Index A12, T17 A12 A12 EQEP2_STROBE IO EQEP Strobe B12, U17 B12 B12 (1) EQEP2_A is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. (2) EQEP2_B is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. 5.3.10 FSI Table 5-57. FSIRX0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] FSIRX0_CLK I FSI Clock A10, T17 A10 A10 FSIRX0_DATA0 I FSI Data 0 B10, U18 B10 B10 FSIRX0_DATA1 I FSI Data 1 D9, T18 D9 D9 Table 5-58. FSIRX1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] FSIRX1_CLK I FSI Clock E1, P17 E1 E1 FSIRX1_DATA0 I FSI Data 0 F3, P18 F3 F3 FSIRX1_DATA1 I FSI Data 1 F4, N17 F4 F4 Table 5-59. FSIRX2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] FSIRX2_CLK I FSI Clock G16, J2 G16, J2 G16, J2 FSIRX2_DATA0 I FSI Data 0 E17, G4 E17, G4 E17, G4 FSIRX2_DATA1 I FSI Data 1 E18, J3, R3 E18, J3, R3 E18, R3 Table 5-60. FSIRX3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] FSIRX3_CLK I FSI Clock B17 B17 B17 FSIRX3_DATA0 I FSI Data 0 D16 D16 D16 FSIRX3_DATA1 I FSI Data 1 C17 C17 C17 www.ti.com AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 57 Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |