| Electronic Components Datasheet Search |
|
AM263P2ACOLFZCZR Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2ACOLFZCZR Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 168 page ![]() Table 5-14. CPSW0 RGMII2 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] RGMII2_RD1 I RGMII Receive Data 1 K18 K18 K18 RGMII2_RD2 I RGMII Receive Data 2 J18 J18 J18 RGMII2_RD3 I RGMII Receive Data 3 J17 J17 J17 RGMII2_TD0 O RGMII Transmit Data 0 M16 M16 M16 RGMII2_TD1 O RGMII Transmit Data 1 M15 M15 M15 RGMII2_TD2 O RGMII Transmit Data 2 H17 H17 H17 RGMII2_TD3 O RGMII Transmit Data 3 H16 H16 H16 Table 5-15. CPSW0 RMII1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] RMII1_CRS_DV I RMII Carrier Sense / Data Valid P18 RMII1_REF_CLK IO RMII Reference Clock R17 R17 R17 RMII1_RX_ER I RMII Receive Data Error R18 RMII1_TX_EN O RMII Transmit Enable M18 M18 M18 RMII1_RXD0 I RMII Receive Data 0 U17 RMII1_RXD1 I RMII Receive Data 1 T17 RMII1_TXD0 O RMII Transmit Data 0 P16 P16 P16 RMII1_TXD1 O RMII Transmit Data 1 P17 Table 5-16. CPSW0 RMII2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] RMII2_CRS_DV I RMII Carrier Sense / Data Valid G18 G18 G18 RMII2_REF_CLK IO RMII Reference Clock K15 K15 K15 RMII2_RX_ER I RMII Receive Data Error G17 G17 G17 RMII2_TX_EN O RMII Transmit Enable L16 L16 L16 RMII2_RXD0 I RMII Receive Data 0 K17 K17 K17 RMII2_RXD1 I RMII Receive Data 1 K18 K18 K18 RMII2_TXD0 O RMII Transmit Data 0 M16 M16 M16 RMII2_TXD1 O RMII Transmit Data 1 M15 M15 M15 Table 5-17. CPSW0 MII1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] MII1_COL I MII Collision Detected P15 MII1_CRS I MII Carrier Sense R16 MII1_RXCLK I MII Receive Clock R17 R17 R17 MII1_RXDV I MII Receive Data Valid R18 MII1_RX_ER I MII Receive Data Error T16 MII1_TXCLK I MII Transmit Clock N18 N18 N18 MII1_TX_EN O MII Transmit Enable M18 M18 M18 MII1_RXD0 I MII Receive Data 0 U17 MII1_RXD1 I MII Receive Data 1 T17 MII1_RXD2 I MII Receive Data 2 U18 MII1_RXD3 I MII Receive Data 3 T18 MII1_TXD0 O MII Transmit Data 0 P16 P16 P16 MII1_TXD1 O MII Transmit Data 1 P17 MII1_TXD2 O MII Transmit Data 2 P18 MII1_TXD3 O MII Transmit Data 3 N17 AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 www.ti.com 52 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |