| Electronic Components Datasheet Search |
|
AM263P2ACOLFZCZR Datasheet(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2ACOLFZCZR Datasheet(HTML) 71 Page - Texas Instruments |
|
71 / 168 page ![]() Table 5-115. UART4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART4_CTSn I UART Clear to Send (active low) A14 A14 A14 UART4_RTSn O UART Request to Send (active low) B14 B14 B14 UART4_RXD I UART Receive Data A10, D11, H2 A10, D11, H2 A10, D11, H2 UART4_TXD O UART Transmit Data C12, C9, G3 C12, C9, G3 C12, C9, G3 Table 5-116. UART5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART5_CTSn I UART Clear to Send (active low) D13 D13 D13 UART5_RTSn O UART Request to Send (active low) A16 A16 A16 UART5_RXD I UART Receive Data A15, C13, D9, R16 A15, C13, D9 A15, C13, D9 UART5_TXD O UART Transmit Data B10, B15, P15 B10, B15 B10, B15 5.3.23 XBAR Table 5-117. Output XBAR Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] XBAROUT0 O OUTPUTXBAR Signal 0 R3 R3 R3 XBAROUT1 O OUTPUTXBAR Signal 1 C9 C9 C9 XBAROUT2 O OUTPUTXBAR Signal 2 A10 A10 A10 XBAROUT3 O OUTPUTXBAR Signal 3 B10 B10 B10 XBAROUT4 O OUTPUTXBAR Signal 4 D9 D9 D9 XBAROUT5 O OUTPUTXBAR Signal 5 A9 A9 A9 XBAROUT6 O OUTPUTXBAR Signal 6 B9 B9 B9 XBAROUT7 O OUTPUTXBAR Signal 7 D7 D7 D7 XBAROUT8 O OUTPUTXBAR Signal 8 C8 C8 C8 XBAROUT9 O OUTPUTXBAR Signal 9 C7 C7 C7 XBAROUT10 O OUTPUTXBAR Signal 10 B7 B7 B7 XBAROUT11 O OUTPUTXBAR Signal 11 D16 D16 D16 XBAROUT12 O OUTPUTXBAR Signal 12 C17 C17 C17 XBAROUT13 O OUTPUTXBAR Signal 13 D15 D15 D15 XBAROUT14 O OUTPUTXBAR Signal 14 C15 C15 C15 XBAROUT15 O OUTPUTXBAR Signal 15 P2 P2 P2 Table 5-118. External ADC Channel Select XBAR Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] ADC_EXTCH_XBAROUT0 O External ADC Channel Select XBAR Signal 0 C11, C13 C11, C13 C11, C13 ADC_EXTCH_XBAROUT1 O External ADC Channel Select XBAR Signal 1 A11, C14 A11, C14 A11, C14 ADC_EXTCH_XBAROUT2 O External ADC Channel Select XBAR Signal 2 C10, C12 C10, C12 C10, C12 ADC_EXTCH_XBAROUT3 O External ADC Channel Select XBAR Signal 3 B11, D11 B11, D11 B11, D11 ADC_EXTCH_XBAROUT4 O External ADC Channel Select XBAR Signal 4 C9, P15 C9 C9 ADC_EXTCH_XBAROUT5 O External ADC Channel Select XBAR Signal 5 A10, R16 A10 A10 ADC_EXTCH_XBAROUT6 O External ADC Channel Select XBAR Signal 6 B10, F15 B10, F15 B10, F15 ADC_EXTCH_XBAROUT7 O External ADC Channel Select XBAR Signal 7 C18, D9 C18, D9 C18, D9 ADC_EXTCH_XBAROUT8 O External ADC Channel Select XBAR Signal 8 B15 B15 B15 ADC_EXTCH_XBAROUT9 O External ADC Channel Select XBAR Signal 9 A15 A15 A15 www.ti.com AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 71 Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |