| Electronic Components Datasheet Search |
|
AM263P2ACOLFZCZR Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2ACOLFZCZR Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 168 page ![]() Table 5-109. Reserved Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] RSVD_T4 RSVD Reserved (RSVD_T4). This pin must be connected to ground (VSS). T4 T4 T4 RSVD_U1 RSVD Reserved (RSVD_U1). This pin must be connected to ground (VSS). U1 U1 U1 RSVD_U3 RSVD Reserved (RSVD_U3). This pin must be left unconnected. U3 U3 U3 RSVD_V2 RSVD Reserved (RSVD_V2). This pin must be left unconnected. V2 V2 V2 Table 5-110. No Connection Description SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] NC (1) NC No Connection H1, J1, J4, K2, K3, K4, L2, M1, M4, P1, P3 (1) NC pins are No Connect pins, as these pins are connected internally to OSPI flash die in ZCZ_F Package. Refer to OSPI Connections for Flash-in-Package (ZCZ_F) Section for more details. 5.3.22 UART Table 5-111. UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART0_CTSn I UART Clear to Send (active low) A5, B7 A5, B7 A5, B7 UART0_RTSn O UART Request to Send (active low) C6, C7 C6, C7 C6, C7 UART0_RXD I UART Receive Data A7, B6 A7, B6 A7, B6 UART0_TXD O UART Transmit Data A4, A6 A4, A6 A4, A6 Table 5-112. UART1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART1_CTSn I UART Clear to Send (active low) G4 G4 G4 UART1_DCDn I UART Data Carrier Detect (Active Low) J4, N1 J4, N1 N1 UART1_DSRn I UART Data Set Ready (Active Low) V17 UART1_DTRn O UART Data Terminal Ready (Active Low) K1, K3 K1, K3 K1 UART1_RIn I UART Ring Indicator K4, N4 K4, N4 N4 UART1_RTSn O UART Request to Send (active low) B12, J2 B12, J2 B12, J2 UART1_RXD I UART Receive Data A9, L3 A9, L3 A9, L3 UART1_TXD O UART Transmit Data B9, M3 B9, M3 B9, M3 Table 5-113. UART2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART2_CTSn I UART Clear to Send (active low) H1 H1 UART2_RTSn O UART Request to Send (active low) A12, J3, R3 A12, J3, R3 A12, R3 UART2_RXD I UART Receive Data B5, B8 B5, B8 B5, B8 UART2_TXD O UART Transmit Data A3, A8 A3, A8 A3, A8 Table 5-114. UART3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART3_CTSn I UART Clear to Send (active low) K2, N2 K2, N2 N2 UART3_RTSn O UART Request to Send (active low) A2, J1 A2, J1 A2 UART3_RXD I UART Receive Data C11, D15 C11, D15 C11, D15 UART3_TXD O UART Transmit Data A11, C15 A11, C15 A11, C15 AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1 SPRSP81D – OCTOBER 2023 – REVISED MAY 2025 www.ti.com 70 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |