Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC1306M25 Datasheet(PDF) 19 Page - Texas Instruments

Part # AMC1306M25
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 15Page - Texas Instruments AMC1306M25 Datasheet HTML 16Page - Texas Instruments AMC1306M25 Datasheet HTML 17Page - Texas Instruments AMC1306M25 Datasheet HTML 18Page - Texas Instruments AMC1306M25 Datasheet HTML 19Page - Texas Instruments AMC1306M25 Datasheet HTML 20Page - Texas Instruments AMC1306M25 Datasheet HTML 21Page - Texas Instruments AMC1306M25 Datasheet HTML 22Page - Texas Instruments AMC1306M25 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Frequency (kHz)
0
5
10
15
20
25
30
35
40
-160
-140
-120
-100
-80
-60
-40
-20
0
D032
AVDD (V)
3
3.5
4
4.5
5
5.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
D033
Frequency (kHz)
0
5
10
15
20
25
30
35
40
-160
-140
-120
-100
-80
-60
-40
-20
0
D045
Frequency (kHz)
0
5
10
15
20
25
30
35
40
-160
-140
-120
-100
-80
-60
-40
-20
0
D031
VIN (mVpp)
0
10
20
30
40
50
60
70
80
90
100
70
75
80
85
90
95
100
105
110
115
120
D046
Frequency (kHz)
0
5
10
15
20
25
30
35
40
-160
-140
-120
-100
-80
-60
-40
-20
0
D044
19
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at AVDD = 5 V, DVDD = 3.3 V, AINP = –50 mV to 50 mV (AMC1306x05) or –250 mV to 250 mV (AMC1306x25),
AINN = AGND, fCLKIN = 20 MHz, and sinc
3 filter with OSR = 256 (unless otherwise noted)
AMC1306x05
Figure 36. Spurious-Free Dynamic Range vs
Input Signal Amplitude
AMC1306x05, 4096-point FFT, VIN = 100 mVPP
Figure 37. Frequency Spectrum with 1-kHz Input Signal
AMC1306x05, 4096-point FFT, VIN = 100 mVPP
Figure 38. Frequency Spectrum with 10-kHz Input Signal
AMC1306x25, 4096-point FFT, VIN = 500 mVPP
Figure 39. Frequency Spectrum with 1-kHz Input Signal
AMC1306x25, 4096-point FFT, VIN = 500 mVPP
Figure 40. Frequency Spectrum with 10-kHz Input Signal
Figure 41. High-Side Supply Current vs
High-Side Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com