Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC1306M25 Datasheet(PDF) 29 Page - Texas Instruments

Part # AMC1306M25
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 25Page - Texas Instruments AMC1306M25 Datasheet HTML 26Page - Texas Instruments AMC1306M25 Datasheet HTML 27Page - Texas Instruments AMC1306M25 Datasheet HTML 28Page - Texas Instruments AMC1306M25 Datasheet HTML 29Page - Texas Instruments AMC1306M25 Datasheet HTML 30Page - Texas Instruments AMC1306M25 Datasheet HTML 31Page - Texas Instruments AMC1306M25 Datasheet HTML 32Page - Texas Instruments AMC1306M25 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
SD-D1
TMS320F28x7x
DC link
R
SHUNT
SD-D2
SD-D3
SD-D4
L1
L3
L2
R
SHUNT
R
SHUNT
3.3 V
DOUT
CLKIN
DVDD
DGND
AGND
AINN
AINP
AVDD
AMC1306Ex
3.3 V
3.3 V
DVDD
DGND
AGND
AINN
AINP
AVDD
AMC1306Ex
3.3 V
3.3 V
DVDD
DGND
AGND
AINN
AINP
AVDD
AMC1306Ex
3.3 V
3.3 V
DVDD
DGND
AGND
AINN
AINP
AVDD
AMC1306Ex
3.3 V
Power Board
Motor
Control Board
Clock Source
DOUT
CLKIN
DOUT
CLKIN
DOUT
CLKIN
29
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Applications (continued)
Figure 57. The AMC1306Ex in a Frequency Inverter Application
9.2.1.1 Design Requirements
Table 1 lists the parameters for the typical application in the Frequency Inverter Application section.
Table 1. Design Requirements
PARAMETER
VALUE
High-side supply voltage
3.3 V or 5 V
Low-side supply voltage
3.3 V or 5 V
Voltage drop across the shunt for a linear response
±250 mV (maximum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com