Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7430 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7430 Datasheet HTML 2Page - STMicroelectronics TDA7430 Datasheet HTML 3Page - STMicroelectronics TDA7430 Datasheet HTML 4Page - STMicroelectronics TDA7430 Datasheet HTML 5Page - STMicroelectronics TDA7430 Datasheet HTML 6Page - STMicroelectronics TDA7430 Datasheet HTML 7Page - STMicroelectronics TDA7430 Datasheet HTML 8Page - STMicroelectronics TDA7430 Datasheet HTML 9Page - STMicroelectronics TDA7430 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TDA7430 - TDA7431
6/23
Table 5. Electrical Characteristcs (refer to the test circuit Tamb = 25°C, VS = 9V, RL = 10KΩ, Vin = 1Vrms;
RG = 600Ω, all controls flat (G = 0dB), Effect CTRL = -6dB, MODE = OFF; f = 1KHz unless otherwise
specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
7
9
10.2
V
IS
Supply Current
10
18
26
mA
SVR
Ripple Rejection
LCH / RCH out, Mode = OFF
60
80
dB
INPUT STAGE
RIN
Input Resistance
35
50
65
K
VCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
CRANGE
Control Range
31.5
dB
AVMIN
Min. Attenuation
-1
0
1
dB
AVMAX
Max. Attenuation
31
31.5
32
dB
ASTEP
Step Resolution
0.5
1
dB
VDC
DC Steps
adjacent att. step
-3
0
3
mV
AVO1
Voice Canceler Output 1
LIN = RIN, RIN = ON,
Vmix = 0V FIX, 0dB attenuation
567
dB
AVO2
Voice Canceler Output 2
LIN = RIN = 0V,
Vmix = 1Vrms FIX, 0dB attenuation
-1
0
1
dB
AVO3
Voice Canceler Output 3
LIN = RIN, Vmix = 0V FIX,
0dB attenuation
567
dB
RLPV
Low Pass Filter Resistance
22.4
32
41.6
K
RMIX
Input Impedance
70
100
130
K
BASS CONTROL
Gb
Control Range
Max. Boost/cut
±11.5
±14.0
±16.0
dB
BSTEP
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
32
44
56
K
MIDDLE CONTROL
Gm
Control Range
Max. Boost/cut
±11.5
±14.0
±16.0
dB
MSTEP
Step Resolution
1
2
3
dB
RM
Internal Feedback Resistance
17.5
25
32.5
K
TREBLE CONTROL
Gt
Control Range
Max. Boost/cut
±13.0
±14.0
±15.0
dB
TSTEP
Step Resolution
1
2
3
dB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com