Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7430 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7430 Datasheet HTML 4Page - STMicroelectronics TDA7430 Datasheet HTML 5Page - STMicroelectronics TDA7430 Datasheet HTML 6Page - STMicroelectronics TDA7430 Datasheet HTML 7Page - STMicroelectronics TDA7430 Datasheet HTML 8Page - STMicroelectronics TDA7430 Datasheet HTML 9Page - STMicroelectronics TDA7430 Datasheet HTML 10Page - STMicroelectronics TDA7430 Datasheet HTML 11Page - STMicroelectronics TDA7430 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TDA7430 - TDA7431
8/23
SURROUBND SOUBND MATRIX PHASE
RPS10
Phase Shifter 1: D1 = 0, D0 = 0
8.3
11.8
15.2
K
Ω
RPS11
Phase Shifter 1: D1 = 0, D0 = 1
10
14.1
18.3
K
Ω
RPS12
Phase Shifter 1: D1 = 1, D0 = 0
12.6
17.9
23.3
K
Ω
RPS13
Phase Shifter 1: D1 = 1, D0 = 1
26.4
37.3
48.85
K
Ω
RPS20
Phase Shifter 2: D3 = 0, D2 = 0
4
5.6
7.2
K
Ω
RPS21
Phase Shifter 2: D3 = 0, D2 = 1
4.8
6.8
8.7
K
Ω
RPS22
Phase Shifter 2: D3 = 1, D2 = 0
6
8.4
10.9
K
Ω
RPS23
Phase Shifter 2: D3 = 1, D2 = 1
12.9
18.3
23.7
K
Ω
RPS30
Phase Shifter 3: D5 = 0, D4 = 0
8.5
12.1
15.6
K
Ω
RPS31
Phase Shifter 3: D5 = 0, D4 = 1
10.2
14.5
18.7
K
Ω
RPS32
Phase Shifter 3: D5 = 1, D4 = 0
12.7
18.1
23.3
K
Ω
RPS33
Phase Shifter 3: D5 = 1, D4 = 1
27.4
39.1
50.75
K
Ω
RPS40
Phase Shifter 4: D7 = 0, D6 = 0
8.5
12.1
15.6
K
Ω
RPS41
Phase Shifter 4: D7 = 0, D6 = 1
10.2
14.5
18.7
K
Ω
RPS42
Phase Shifter 4: D7 = 1, D6 = 0
12.7
18.1
23.3
K
Ω
RPS43
Phase Shifter 4: D7 = 1, D6 = 1
27.4
39.1
50.75
K
Ω
SPEAKER & RECORD ATTENUATORS
CRANGE
Control Range
79
dB
SSTEP
Step Resolution
-0.5
1
1.5
dB
EA
Attenuation set error
Av = 0 to -20dB
-1.5
0
1.5
dB
Av = -20 to -79dB
-3
0
2
dB
VDC
DC Steps
adjacent att. steps
-3
0
3
mV
AMUTE
Output Mute Condition
+70
100
dB
RVEA
Input Impedance
21
30
39
K
Ω
AUDIO OUTPUTS
NO(OFF)
Output Noise (OFF)
Output Mute, Flat
BW = 20Hz to 20KHz
4
5
µVrms
µVrms
NO(MOV)
Output Noise (Movie)
Mode = Movie
BW = 20Hz to 20KHz
30
µVrms
NO(Mus)
Output Noise (Music)
Mode = Music
BW = 20Hz to 20KHz
30
µVrms
NO(MON) Output Noise (Simulated)
Mode Simulated
BW = 20Hz to 20KHz
30
µVrms
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 5. Electrical Characteristcs (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com