Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7430 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7430 Datasheet HTML 1Page - STMicroelectronics TDA7430 Datasheet HTML 2Page - STMicroelectronics TDA7430 Datasheet HTML 3Page - STMicroelectronics TDA7430 Datasheet HTML 4Page - STMicroelectronics TDA7430 Datasheet HTML 5Page - STMicroelectronics TDA7430 Datasheet HTML 6Page - STMicroelectronics TDA7430 Datasheet HTML 7Page - STMicroelectronics TDA7430 Datasheet HTML 8Page - STMicroelectronics TDA7430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
TDA7430
TDA7431
June 2004
1FEATURES
■
1 STEREO (4STEREO) INPUT + 1 MIXER
INPUT
■
INPUT ATTENUATION CONTROL IN 0.5dB
STEP
■
VOICE CANCELLER IS AVAILABLE
■
TREBLE MIDDLE AND BASS CONTROL
■
THREE SURROUND MODES ARE
AVAILABLE
– MUSIC: 4 SELECTABLE RESPONSES
– MOVIE AND SIMULATED:
256 SELECTABLE RESPONSES
■
2 SPEAKERS AND 2 RECORD
ATTENUATORS:
– 2 INDEPENDENT SPEAKERS AND 2 INDE-
PENDENT RECORD CONTROL
IN 1dB STEP FOR BALANCE FACILITY
– AVAILABILITY OF LOUDSPEAKER EQUAL-
IZATION FIXED BY EXTERNAL COMPO-
NENTS
– INDEPENDENT MUTE FUNCTION
■
ALL FUNCTIONS PROGRAMMABLE VIA
SERIAL BUS
2
DESCRIPTION
The TDA7430/TDA7431 is volume tone (bass middle
and treble) balance (Left/Right) processors voice
canceller for quality audio applications in car radio
and Hi-Fi systems.
They reproduce surround sound by using pro-
grammable phase shifters and a signal matrix.
Control of all the functions is accomplished by se-
rial bus. The AC signal setting is obtained by resis-
tor
networks
and
switches
combined
with
operational amplifiers. Thanks to the used BIPO-
LAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained.
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH
SURROUND SOUND MATRIX AND VOICE CANCELLER
Figure 2. Pin Connection (TDA7430)
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
VAR_L
REARIN
REAROUT
HP1
LP1
HP2.
BASS_LI
BASS_LO
BASSO_R
BASSO_L
VAR_R
L_IN4
RECOUT_L
RECOUT_R
R_OUT
DIG_GND
L_OUT
R_IN1
MIX
L_IN1
L_IN3
L_IN2
D95AU220B
12
13
14
15
16
REV. 10
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7431S
SDIP42
TDA7430
TQFP44
TDA7430TR
Tape & Reel
SDIP42
TQFP44
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA7430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7430TR STMICROELECTRONICS-TDA7430TR Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
More results

Similar Description - TDA7430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Nov-1999
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Feb-1998
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Feb-1997
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Sep-2003
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com