Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89R119B Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MB89R119B
Description  FeRAM Embedded High-speed RFID LSI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R119B Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MB89R119B Datasheet HTML 1Page - RAMXEED LIMITED MB89R119B Datasheet HTML 2Page - RAMXEED LIMITED MB89R119B Datasheet HTML 3Page - RAMXEED LIMITED MB89R119B Datasheet HTML 4Page - RAMXEED LIMITED MB89R119B Datasheet HTML 5Page - RAMXEED LIMITED MB89R119B Datasheet HTML 6Page - RAMXEED LIMITED MB89R119B Datasheet HTML 7Page - RAMXEED LIMITED MB89R119B Datasheet HTML 8Page - RAMXEED LIMITED MB89R119B Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
MB89R119B
DS411-00002-4v0-E
3
MEMORY MAP
This section describes the FeRAM memory, which is the internal memory of the MB89R119B.
FeRAM Configuration
The FeRAM has 232 bytes for use as user area and 24 bytes for use as system area.
The FeRAM memory areas consist of a total of 64 blocks (58 blocks of user area and 6 blocks of system
area). Each block can store 32 bits (4 bytes) of data.
The block is the unit used for the writing and reading of FeRAM data. The memory configuration of the
FeRAM is shown below.
FeRAM memory configuration
* : Reserved for future use
Blocks “00H” to “39H” are user area. The user area is defined as an accessible area when the corresponding
block address is specified. On the other hands, Blocks “3AH” to “3FH” are system area. The system area is
defined as an accessible area only with a specific command.
The system area consists of 6 blocks and contains RFU, UID, AFI, DSFID, EAS, IC reference and security
status (can write or cannot write data). UID, IC reference and RFU are fixed and cannot be updated. The
initial data of AFI, DSFID, and EAS are written at the factory, and they can be updated and locked (disable
to write) with commands (EAS bit cannot be locked) .
As shown in above, “3BH” and “3CH” are used to store the UID data, and “3EH” and “3FH” are used to store
the security status information such as user areas, AFI, and DSFID.
“3DH” to “3FH” block format is shown as follows. “3DH” block contains EAS bit, AFI, DSFID and IC reference.
“3EH” and “3FH” blocks contain block security status data.
Area
Block No.
Details
Data read
Data write
User area (232 bytes)
00H to 39H
User area
Yes
Yes
System area (24 bytes)
3AH
RFU*
Yes
No
3BH
UID1 (1 to 32 bit)
Yes
No
3CH
UID2 (33 to 64 bit)
Yes
No
3DH
EAS, AFI, DSFID,
IC Reference
Yes
Limited
3EH,3FH
Block security status
Yes
No
“3DH” block format
MSB
LSB
32
31
25 24
17 16
9 8
1
EAS Bit
Internally used
IC Reference
DSFID
AFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com