Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WL33C8 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32WL33C8
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32WL33C8 Datasheet HTML 52Page - STMicroelectronics STM32WL33C8 Datasheet HTML 53Page - STMicroelectronics STM32WL33C8 Datasheet HTML 54Page - STMicroelectronics STM32WL33C8 Datasheet HTML 55Page - STMicroelectronics STM32WL33C8 Datasheet HTML 56Page - STMicroelectronics STM32WL33C8 Datasheet HTML 57Page - STMicroelectronics STM32WL33C8 Datasheet HTML 58Page - STMicroelectronics STM32WL33C8 Datasheet HTML 59Page - STMicroelectronics STM32WL33C8 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
6.3.7.1
Harmonic emission at 169 MHz
Table 39. 169 MHz Band +16 dBm RF transmitter characteristics
Parameter
Test condition
Min
Typ
Max Unit
RF test frequency range
-
159.2 169.4 185 MHz
Maximum TX power
CW 16 dBm
TXHP pin, TXHP mode
-
16
-
dBm
Unwanted emissions in spurious domain.
ETSI EN 300-220-14
POUT = 16 dBm, 169.4375 MHz
47-74 MHz, 87.5-118 MHz,
174-230 MHz, 470-862 MHz
-
-
-54
Frequencies below 1 GHz
-
-
-36
Frequencies above 1 GHz
-
-
-30
Spurious emissions harmonics
ETSI EN 300-220-14
POUT = 16 dBm 169.4375 MHz
47-74 MHz, 87.5-118 MHz,174-230 MHz, 470-862 MHz
-
-
-54
Frequencies below 1 GHz
-
-
-36
Frequencies above 1 GHz
-
-
-30
Table 40. 169 MHz Band +10 dBm RF transmitter characteristics
Parameter
Test condition
Min
Typ
Max Unit
RF test frequency range
-
159.2 169.4 185 MHz
Maximum TX power
CW 16 dBm
TXHP pin, TXHP mode
-
10
-
dBm
Unwanted emissions in spurious domain.
ETSI EN 300-220-14
POUT = 10 dBm, 169.4375 MHz
47-74 MHz, 87.5-118 MHz,
174-230 MHz, 470-862 MHz
-
-
-54
Frequencies below 1 GHz
-
-
-36
Frequencies above 1 GHz
-
-
-30
Spurious emissions harmonics
ETSI EN 300-220-14
POUT = 10 dBm 169.4375 MHz
47-74 MHz, 87.5-118 MHz,174-230 MHz, 470-862 MHz
-
-
-54
Frequencies below 1 GHz
-
-
-36
Frequencies above 1 GHz
-
-
-30
Table 41. Current consumption in transmission mode, fc = 169 MHz
Parameter
Symbol
Test condition
Min
Supply current
Measurements TX @ CW 10 dBm
TX pin connected, TX Mode
11
mA
Measurements TX @ CW 16 dBm
TXHP pin connected, TXHP mode
28
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 56/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com