Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9949 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 3Page - STMicroelectronics L9949 Datasheet HTML 4Page - STMicroelectronics L9949 Datasheet HTML 5Page - STMicroelectronics L9949 Datasheet HTML 6Page - STMicroelectronics L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics L9949 Datasheet HTML 10Page - STMicroelectronics L9949 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
L9949
(1) Parameter is measured at -40°C and 25°C. Value for 85°C is guaranteed by design
Over- and undervoltage detection
VSUV ON
VS UV-Threshold Voltage
VS increasing
7.6
V
VSUV OFF VS UV-Threshold Voltage
VS decreasing
6
V
VSUV hyst VS UV-hysteresis
VSUV ON – VSUV OFF
0.6
V
VSOV OFF VS OV-threshold voltage
VS increasing
22
V
VSOV ON VS OV-threshold voltage
VS decreasing
18
V
VSOV
hyst
VS OV-hysteresis
VSOV OFF – VSOV ON
1V
VVCC OFF Power-on-reset Threshold
VCC increasing
4.2
V
VVCC ON Power-on-reset Threshold
VCC decreasing
3.4
4
V
VVCC
hyst
Power-on-reset Hysteresis
VVCC OFF – VVCC ON
0.3
V
Current Monitor Output
VCM
Functional Voltage Range
VCC =5V
0
4
V
ICM,r
Current Monitor Output Ratio:
ICM /IOUT1,2,6
0V
≤ VCM ≤ 4V
-
ICM acc
Current Monitor Accuracy
0V
≤ VCM ≤ 4V,
ICM =50µA, 600 µA
(FS=full scale=600
µA)
4%
+
1%FS
8%
+
2%FS
Outputs: OUT1 - OUT6
RON OUT1 On-resistance to Supply or GND
VS = 13.5 V, Tj = 25 °C,
IOUT1 = ± 3.0 A
150
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT1 = ± 3.0 A
225
m
Ω
VS = 8.0 V, Tj =25°C,
IOUT1 = ± 3.0 A
180
m
Ω
RON OUT2 On-resistance to Supply or GND
VS = 13.5 V, Tj = 25 °C,
IOUT2 = ± 3.0 A
150
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT2 = ± 3.0 A
225
m
Ω
VS = 8.0 V, Tj =25°C,
IOUT2 = ± 3.0 A
180
m
Ω
ELECTRICAL CHARACTERISTCS (continued)
VS =8to 16 V, VCC = 4.5 to 5.5 V, Tj = -40 to 150 °C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when the current flows into the pin
.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
1
10000
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com