Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9949 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics L9949 Datasheet HTML 10Page - STMicroelectronics L9949 Datasheet HTML 11Page - STMicroelectronics L9949 Datasheet HTML 12Page - STMicroelectronics L9949 Datasheet HTML 13Page - STMicroelectronics L9949 Datasheet HTML 14Page - STMicroelectronics L9949 Datasheet HTML 15Page - STMicroelectronics L9949 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
L9949
12/20
Figure 7. Functional Block Diagram
FUNCTIONAL DESCRIPTION OF THE SPI
Serial Peripheral Interface (SPI)
This device uses a standard SPI to communicate with a microcontroller. The SPI can be driven by a microcontroller
with its SPI peripheral running in either of the two following modes: CPOL = CPHA = 0 or CPOL = CPHA = 1.
For these two modes, input data is sampled by the low to high transition of the clock CLK, and output data is
changed from the high to low transition of CLK.
The difference of these two modes is the standby polarity of the CLK. For CPOL = 0 the CLK remains low and
for CPOL = 1 the CLK remains high.
This device is not limited to microcontrollers with a build-in SPI. Only three CMOS-compatible output pins and
one input pin will be needed to communicate with the device. A fault condition can be detected by setting CSN
to low. If CSN = 0, the DO-pin will reflect the status bit 0 (fault condition) of the device which is a logical-or of all
bits in the status registers 0 and 1. The microcontroller can poll the status of the device without the need of a
full SPI-communication cycle.
Note: In contrast to the SPI-standard the least significant bit (LSB) will be transfered first (see. FIGURE 8).
Chip Select not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the output pin (DO) will be
in high impedance state. A low signal will activate the output driver and a serial communication can be started.
Serial Data In (DI)
The input pin is used to transfer data serial into the device. The data applied to the DI will be sampled at the
DI (pin 7)
DO (pin 17)
CLK (pin 6)CSN (pin 14)
HS
LS
VS (pin5)
HS
LS
VS (pin5)
HS
LS
VS (pin5)
VS (pin13)
VS (pin13)
VS (pin8)
VS (pin8)
VS (pin18)
ESD
OUT6
(pin19)
HS
A-driver
HS
B-driver
HS
A-driver
LS
A-driver
HS
A-driver
LS
A-driver
HS
B-driver
LS
B-driver
HS
B-driver
LS
B-driver
Chargepump
Temperature
Protection
Driver Interface
Diagnostic
Power-On-Reset
SPI
Voltage and
Current
Reference
Current
Monitor
VCC
OUT3
(pin2)
OUT4
(pin3)
OUT5
(pin4)
OUT1
(pin9)
OUT2
(pin12)
VS
(pins 5,8,13,18)
GND
(pins 1,10,11,20)
CM
(pin 16)
VCC
(pin 15)
VS (pin18)
ESD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com