Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9949 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 4Page - STMicroelectronics L9949 Datasheet HTML 5Page - STMicroelectronics L9949 Datasheet HTML 6Page - STMicroelectronics L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics L9949 Datasheet HTML 10Page - STMicroelectronics L9949 Datasheet HTML 11Page - STMicroelectronics L9949 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
L9949
8/20
For details of the on-resistance (Ron over temperature) see the figures „Typical ron characteristics“ for the differential output stages
(FIGURE 3, FIGURE 4, FIGURE 5)
RON OUT3 On-resistance to Supply or GND
VS = 13.5 V, Tj = 25 °C,
IOUT3 = ± 0.8 A
800
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT3 = ± 0.8 A
1250
m
Ω
VS = 8.0 V, Tj =25°C,
IOUT3 = ± 0.8 A
980
m
Ω
RON OUT4 On-resistance to Supply or GND
VS = 13.5 V, Tj = 25 °C,
IOUT4 = ± 0.8 A
800
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT4 = ± 0.8 A
1250
m
Ω
VS = 8.0 V, Tj =25°C,
IOUT4 = ± 0.8 A
980
m
Ω
RON OUT5 On-resistance to Supply or GND
VS = 13.5 V, Tj = 25 °C,
IOUT5 = ± 0.8 A
800
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT5 = ± 0.8 A
1250
m
Ω
VS = 8.0 V, Tj =25°C,
IOUT5 = ± 0.8 A
980
m
Ω
RON OUT6 On-resistance to Supply
VS = 13.5 V, Tj = 25 °C,
IOUT6 = - 2.5 A
100
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT6 = - 2.5 A
150
m
Ω
VS = 8.0 V, Tj =25°C,
IOUT6 = - 2.5 A
120
m
Ω
|IOUT1|
Output Current Limitation to
Supply or GND
sink and source, current ramp
6
10
A
|IOUT2|
Output Current Limitation to
Supply or GND
sink and source, current ramp
6
10
A
|IOUT3|
Output Current Limitation to
Supply or GND
sink and source, current ramp
1.6
2.5
A
|IOUT4|
Output Current Limitation to
Supply or GND
sink and source, current ramp
1.6
2.5
A
|IOUT5|
output current limitation to Supply
or GND
sink and source, current ramp
1.6
2.5
A
|IOUT6|
Output Current Limitation to GND
source, current ramp
6.3
11
A
|IOUT6/res| Output Current Limitation to GND
switching into resistive load
source, switching into resistive
load, go-nogo test
5.1
11
A
ELECTRICAL CHARACTERISTCS (continued)
VS =8to 16 V, VCC = 4.5 to 5.5 V, Tj = -40 to 150 °C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when the current flows into the pin
.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com