| Electronic Components Datasheet Search |
|
L9300 Datasheet(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Datasheet(HTML) 72 Page - STMicroelectronics |
|
72 / 178 page ![]() Table 46. Service and Driver Fault Mask registers Name Description Value SPI bit Service Fault Mask register WD_LOAD_DIS_GPO When WD_CNT counter becomes lower than WD_th_low threshold and solenoid drivers are disabled E_WD_LOAD_DIS_GPO=0 the fault affects GPO E_WD_LOAD_DIS_GPO =1 the fault does not affect GPO E_WD_LOAD_DIS_GPO EN_DR - EN_DR pin is in low state When EN_DR pin input is in low state E_EN_GPO=0 the ENABLE pin affects GPO E_SOL_GPO =1 the ENABLE pin does not affect GPO E_EN_GPO SPI FAULT - SPI fault SPI CLOCK number is not 32 E_FSPI_GPO=0 the fault affects GPO E_FSPI_GPO =1 the fault does not affect GPO E_FSPI_GPO VBATP_OV - VBATP overvoltage When battery supply pin voltage reaches overvoltage threshold E_FVBO_GPO=0 the fault affects GPO E_FVBO_GPO =1 the fault does not affects GPO E_FVBO_GPO OT_VDD2/TRKx - overtemperature VDD2/TRKx regulator When the temperature for VDD2 or TRKx regulator reaches overtemperature threshold E_VDD2/TRK_TH_GPO=0 the fault affects GPO E_VDD2/TRK_TH_GPO =1 the fault does not affects GPO E_VDD2/TRK_TH_GPO VDS_FAULT - VDS fault on pump pre-driver When the VDS comparator of pump pre-driver detects an overvoltage E_PVDS_GPO=0 the fault affects GPO E_PVDS_GPO=1 the fault does not affect GPO E_PVDS_GPO Driver Fault Mask register TW – Solenoid thermal warning When the temperature for each channel reaches warning threshold E_SOL_TW_GPO=0 the fault affects GPO E_SOL_TW_GPO=1 the fault does not affect GPO E_SOL_TW_GPO (z from 1 to 6) COMP_TEST – Solenoid comparators self test When the PWM check on open load comparator fails E_SOL_COMP_GPO=0 the fault affects GPO E_SOL_COMP_GPO=1 the fault does not affect GPO E_SOL_COMP_GPO[12] COMP_TEST – Solenoid comparators self test When the PWM check on lvt comparator fails E_SOL_COMP_GPO=0 the fault affects GPO E_SOL_COMP_GPO=1 the fault does not affect GPO E_SOL_COMP_GPO[11] LOGIC BIST – Solenoid logic BIST When the logic BIST ends E_SOL_BIST_GPO=0 the fault affects GPO E_SOL_BIST_GPO=1 the fault does not affect GPO E_SOL_BIST_GPO[10] LOGIC BIST – Solenoid logic BIST When the logic BIST starts or fails E_SOL_BIST_GPO=0 the fault affects GPO E_SOL_BIST_GPO=1 the fault does not affect GPO E_SOL_BIST_GPO[9] ANALOG BIST – Solenoid analog BIST When the analog self test of open load comparator fails E_SOL_ABIST_GPO=0 the fault affects GPO E_SOL_ABIST_GPO=1 the fault does not affect GPO E_SOL_ABIST_GPO[8] ANALOG BIST – Solenoid analog BIST When the analog self test of lvt comparator fails E_SOL_ABIST_GPO=0 the fault affects GPO E_SOL_ABIST_GPO=1 the fault does not affect GPO E_SOL_ABIST_GPO[7] OL - Solenoid open load When the open load is detected E_SOL_OL_GPO_x=0 the fault affects GPO E_SOL_OL_GPOx=1 the fault does not affect GPO E_SOL_OL_GPO SHORT - Solenoid short to battery in HS configuration/ short to GND in LS configuration When the short is detected E_SOL_SHORT_GPO=0 the fault affects GPO E_SOL_SHORT_GPO=1 the fault does not affect GPO E_SOL_SHORT_GPO LS CLAMP When solenoid LS active clamp is triggered E_LSCLAMP_GPO=0 the fault affects GPO E_LSCLAMP_GPO=1 the fault does not affect GPO E_LSCLAMP_GPO L9300 General purpose output (GPO) DS12258 - Rev 5 page 72/178 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |