Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9300 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 27Page - STMicroelectronics L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics L9300 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 178 page
background image
Figure 15. WSI control blocks
GADG1107170932PS
Remote sensor configuration can be addressed via the Remote Sensor Configuration Registers (WSIRSCRx).
The Remote Sensor Control Register (WSICTRL) allows for digital algorithm and DOUTx output buffer of each
channel to be switched on and off; sensor supply interface is indeed automatically enabled during the power-up
sequence of the device.
Each TRKn interface is kept independent from each other with dedicated logic and protected against faults on
TRKn pins (short to battery or to ground).
In the VDA sensor communication, data bit D0 in the WSIRSDRx register might be used by the sensor as a fault
bit. Therefore, this bit is latched as D0_L in order to detect whether a fault has occurred: the data bits are instead
updated every speed pulse so intermittent fault conditions could be lost. This bit is cleared-upon-read.
If the device detects an error on the sensor interface, the FLTBIT in WSIRSDRx will be set to ‘1’ and the following
bits will be used to report the detected errors. Otherwise, the register will contain only data information. Detailed
information on data and fault reporting are explained in the following sections.
Active wheel speed sensor
The remote sensor interface senses circuit conditions and decodes active wheel speed sensor signals with
various pulse widths and output currents. The following sensor types are supported and selected through the
Remote Sensor Configuration Register (WSIRSCR).
•
Standard active 2-level wheel speed sensors (7/14mA similar to ATS682LSHTN)
•
Three-level (7/14/28 mA similar to KMI22) VDA compliant sensor with direction and air gap information
(“Requirement Specification for Standardized Interface for Wheel Speed Sensor with Additional
Information”, Version 2.0)
•
PWM encoded 2-level sensors with 2 edges per tooth (similar to TLE4942/BOSCH DF11)
•
PWM encoded 2-level sensors with 1 edge per tooth (similar to ATS651LSH/BOSCH DF11)
Received wheel speed frames from all the above sensors are decoded into signals suitable for the microcontroller
through the four independent DOUTx output pins.
L9300
Power supply
DS12258 - Rev 5
page 31/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com