Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9300 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 36Page - STMicroelectronics L9300 Datasheet HTML 37Page - STMicroelectronics L9300 Datasheet HTML 38Page - STMicroelectronics L9300 Datasheet HTML 39Page - STMicroelectronics L9300 Datasheet HTML 40Page - STMicroelectronics L9300 Datasheet HTML 41Page - STMicroelectronics L9300 Datasheet HTML 42Page - STMicroelectronics L9300 Datasheet HTML 43Page - STMicroelectronics L9300 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 178 page
background image
8.5.4
WSI error handling
Table 16. WSI type of error
Type of error
Detection
condition
Action
Clear SPI
flag
Restart condition
Tracking Configuration
TRK out of regulation
ON state
Set TRK_OUT_OF_REGULATION SPI flag (3:0) in TRK-
CAN FAULT register
On read
N.A.
TRK reverse current
ON state
TRK internal path to VDD1 open,
TRK_REVERSE_CURRENT SPI flag (10:7) latched in
TRK-CAN FAULT register
On read
Automatic restart
when fault
disappears.
TRK overtemperature
ON state
No action if out of regulation is not triggered; output
disabled, and T_SD_TRK SPI fault bit (5) latched
otherwise in TRK-CAN FAULT register
On read
Automatic restart with
slope control after OT
fault disappears.
Wheel Speed Sensor Configuration
Short to ground, current
limitation
ON state
STG SPI fault (9) latched in WSIRSDRx register.
On read
N.A.
Short to battery
ON state
STB SPI fault (8) latched in WSIRSDRx register. Sensor
supply disconnected to avoid reverse current flow
On read
Automatic restart after
fault disappears.
Leakage to battery
ON state channel
enabled
OPENDET SPI fault (6) latched in WSIRSDRx register
On read
N.A.
Leakage to GND
ON state channel
enabled
CURRENT HI SPI fault (7) latched in WSIRSDRx register
On read
N.A.
Parity error, invalid data
ON state channel
enabled, VDA
sensor only
INVALID SPI fault (4) latched in WSIRSDRx register
On read
N.A.
No decoding data
ON state channel
enabled, VDA
sensor only
NODATA SPI fault (3) latched in WSIRSDRx register
On read
N.A.
Pulse duration counter
overflow
ON state channel
enabled, PWM
sensor only
PULSE OVERFLOW SPI fault (2) latched in WSIRSDRx
register
On read
N.A.
OT
ON state
WSITEMP fault (5) latched in WSIRSDRx register and
output disabled if STG fault is triggered; no action
otherwise
On read
Wheel Speed supply
automatic restart after
fault disappears.
Clear STG and
WSITEMP faults and
re-enable the faulted
channel to enable
algorithm and digital
outputs.
L9300
Power supply
DS12258 - Rev 5
page 40/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com