Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLP270M Datasheet(PDF) 11 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button CLP270M Datasheet HTML 7Page - STMicroelectronics CLP270M Datasheet HTML 8Page - STMicroelectronics CLP270M Datasheet HTML 9Page - STMicroelectronics CLP270M Datasheet HTML 10Page - STMicroelectronics CLP270M Datasheet HTML 11Page - STMicroelectronics CLP270M Datasheet HTML 12Page - STMicroelectronics CLP270M Datasheet HTML 13Page - STMicroelectronics CLP270M Datasheet HTML 14Page - STMicroelectronics CLP270M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CLP270M
11/24
2/10 µs
GENERATOR
+/- 2.5 kV
(500 A)
4
TIPL
TIPS
GND
1/2 CLP270M
I1
V1
Rsense
Rp
Fig. 10: Lightning simulation test.
Fig. 11: CLP270M response to a positive surge.
Fig. 12 : CLP270M response to a negative surge.
Tables 1 to 6 summarize the surge needs defined by Bellcore regarding both lightning and AC power fault.
In case of first level test, the equipment under test shall be operating after the surge. For the second level
tests, the equipment under test may be damaged, but no fire or electrical safety hazard may occur.
3.2. First level lightning surge:
3.2.1. ringing mode
Lightning phenomena are the most common surge causes. The purpose of this test is to check the
behavior of the CLP270M against these lightning strikes.
Figures 11 and 12 show that the remaining overvoltage does not exceed +/- 500 V. The CLP270M
2/10 µs
GENERATOR
+/- 5 kV
(500 A)
4
TIPL
TIPS
GND
1/2 CLP270M
I
V1
50
I2
SLIC
LCP1511D
-48V
V2
1
Rsense
Rp
Fig. 13: Lightning test in speech mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com