Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLP270M Datasheet(PDF) 16 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 16 Page - STMicroelectronics

Back Button CLP270M Datasheet HTML 12Page - STMicroelectronics CLP270M Datasheet HTML 13Page - STMicroelectronics CLP270M Datasheet HTML 14Page - STMicroelectronics CLP270M Datasheet HTML 15Page - STMicroelectronics CLP270M Datasheet HTML 16Page - STMicroelectronics CLP270M Datasheet HTML 17Page - STMicroelectronics CLP270M Datasheet HTML 18Page - STMicroelectronics CLP270M Datasheet HTML 19Page - STMicroelectronics CLP270M Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
CLP270M
16/24
Symbol
Parameter
Test Conditions
Value
Unit
IPP
Line to GND peak surge
current
10/1000
µs (open circuit voltage
wave shape 10/1000
µs)
100
A
5/310
µs (open circuit voltage
wave shape 10/700
µs)
150
2/10
µs (open circuit voltage
wave shape)
500
ITSM
Non repetitive surge peak
on-state current (TIP or
RING versus Ground)
F=50Hz
tp=20ms
60
A
tp = 200 ms
30
A
tp=2s
15
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-40to + 150
150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
ABSOLUTE MAXIMUM RATINGS (RSENSE =4
Ω, and Tamb =25°C)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
ILGL
Line to GND leakage
current
. VLG = 240 V
. Measured between TIP
(or RING) and GND
10
µA
Vref
Overvoltage internal
reference
. ILG =1mA
. Measured between TIP
(or RING) and GND
265
V
VSWON
Line to GND voltage at
SW1 or SW2 switching-on
. Measured at 50 Hz between
TIPL (or RINGL) and GND
400
V
ISWOFF
Line to GND current at
SW1 or SW2 switching-off
(negative current)
. Refer to test circuit page 17
150
mA
ISWON
Line current at SW1 or
SW2 switching-on
. Positive pulse
. Negative pulse
150
190
280
320
mA
C
RING to GND capacitance
TIP to GND capacitance
TIP to RING capacitance
. VRINGL =-1V
. VTIPL = -48 V
.VGND =0V
. F = 1 MHz VRMS =1V
180
62
57
pF
ELECTRICAL CHARACTERISTICS (RSENSE =4
Ω, and Tamb = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com