Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLP270M Datasheet(PDF) 15 Page - STMicroelectronics

Part # CLP270M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M Datasheet(HTML) 15 Page - STMicroelectronics

Back Button CLP270M Datasheet HTML 11Page - STMicroelectronics CLP270M Datasheet HTML 12Page - STMicroelectronics CLP270M Datasheet HTML 13Page - STMicroelectronics CLP270M Datasheet HTML 14Page - STMicroelectronics CLP270M Datasheet HTML 15Page - STMicroelectronics CLP270M Datasheet HTML 16Page - STMicroelectronics CLP270M Datasheet HTML 17Page - STMicroelectronics CLP270M Datasheet HTML 18Page - STMicroelectronics CLP270M Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CLP270M
15/24
The CLP270M withstands the second level lightning surge test without trouble.
3.4. FIRST AND SECOND LEVEL AC POWER FAULT
4
I1
V1
V(RMS)
50Hz
Rsense
Rp
TIPL
TIPS
GND
1/2 CLP270M
Rs
Fig. 22: AC power fault test in Ringing mode.
Fig. 23: Example of behavior when facing test 3
(400V, 600
Ω).
4
Ω
Ω
TIPL
TIPS
GND
1/2 CLP270M
50
SLIC
LCP1511D
-48V
V2
Rsense
Rp
V(RMS)
50 Hz
I1
Rs
Fig. 24: AC power fault test in Speech mode.
Fig. 25: Example of behavior when facing test 3
(400V, 600
Ω).
3.4.1. Ringing mode
The figures 23 and 25 give the voltage and current at the CLP270M terminals in Ringing mode and Speech
mode. The CLP270M is able to withstand all the first level AC power fault tests as required in the table 4-7
of GR-1089-CORE standard.
For the second level AC power fault tests serial protection as PTC or fuse are needed.
All these curves, lightning and AC power fault represent the behavior of the CLP270M in worst case tests,
any how the CLP270M withstands all the others surges of the Bellcore GR1098 standard. For the second
level AC power fault test, the use of series protection elements (PTC or fuses) are needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com