Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO773X Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO773X
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO773X Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO773X Datasheet HTML 24Page - Texas Instruments ISO773X Datasheet HTML 25Page - Texas Instruments ISO773X Datasheet HTML 26Page - Texas Instruments ISO773X Datasheet HTML 27Page - Texas Instruments ISO773X Datasheet HTML 28Page - Texas Instruments ISO773X Datasheet HTML 29Page - Texas Instruments ISO773X Datasheet HTML 30Page - Texas Instruments ISO773X Datasheet HTML 31Page - Texas Instruments ISO773X Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The ISO773x devices are high-performance, triple-channel digital isolators. These devices come with enable
pins on each side which can be used to put the respective outputs in high impedance for multi-controller driving
applications and reduce power consumption. The ISO773x family of devices use single-ended CMOS-logic
switching technology. The voltage range is from 2.25 V to 5.5 V for both supplies, VCC1 and VCC2. When
designing with digital isolators, keep in mind that because of the single-ended design structure, digital isolators
do not conform to any specific interface standard and are only intended for isolating single-ended CMOS or TTL
digital signal lines. The isolator is typically placed between the data controller (that is, μC or UART), and a data
converter or a line transceiver, regardless of the interface type or standard.
8.2 Typical Application
The ISO7731 device, combined with Texas Instruments' mixed-signal microcontroller, RS-485 transceiver,
transformer driver, and voltage regulator, can create an isolated RS-485 system as shown in Figure 8-1.
VCC1
VCC2
GND1
GND2
16
13
12
2,8
9,15
UCA0RXD
P3.0
UCA0TXD
16
11
15
4
XOUT
XIN
5
6
2
MSP430
F2132
1
3
4
5
7
0.1μF
0.1μF
ISO7731
ISO-BARRIER
4.7nF/
2kV
SM712
10Ω MELF
0.1μF
DVss
DVcc
10μF 0.1μF
MBR0520L
MBR0520L
1:2.2
0.1μF
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
IN
EN
GND
OUT
1
5
2
3
TPS76350
10μF
10μF
10Ω MELF
VIN
3.3V
5VISO
INA
INB
OUTC
EN1
OUTA
OUTB
INC
SN65HVD
3082E
RE
DE
D
R
EN2
14
10
1
4
3
2
B
A
VCC
GND
0.1μF
Figure 8-1. Isolated RS-485 Interface Circuit
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com