Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO773X Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO773X
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO773X Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO773X Datasheet HTML 8Page - Texas Instruments ISO773X Datasheet HTML 9Page - Texas Instruments ISO773X Datasheet HTML 10Page - Texas Instruments ISO773X Datasheet HTML 11Page - Texas Instruments ISO773X Datasheet HTML 12Page - Texas Instruments ISO773X Datasheet HTML 13Page - Texas Instruments ISO773X Datasheet HTML 14Page - Texas Instruments ISO773X Datasheet HTML 15Page - Texas Instruments ISO773X Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
5.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7730
Supply current - disable
EN2 = 0 V; VI = VCC1 (ISO7730);
VI = 0 V (ISO7730 with F suffix)
ICC1
1
2.3
mA
ICC2
0.3
0.8
mA
EN2 = 0 V; VI = 0 V (ISO7730);
VI = VCC1 (ISO7730 with F suffix)
ICC1
4.3
6
mA
ICC2
0.3
0.8
mA
Supply current - DC signal
EN2 = VCC2; VI = VCC1 (ISO7730);
VI = 0 V (ISO7730 with F suffix)
ICC1
1
2.3
mA
ICC2
1.6
3.7
mA
EN2 = VCC2; VI = 0 V (ISO7730);
VI = VCC1 (ISO7730 with F suffix)
ICC1
4.3
6
mA
ICC2
1.8
3.9
mA
Supply current - AC signal
EN2 = VCCI; All channels switching
with square wave clock input; CL =
15 pF
1 Mbps
ICC1
2.6
4.1
mA
ICC2
1.9
4
mA
10 Mbps
ICC1
2.7
4.3
mA
ICC2
3.3
5.7
mA
100 Mbps
ICC1
3.6
5.6
mA
ICC2
17.5
23.2
mA
ISO7731
Supply current - disable
EN1 = EN2 = 0 V; VI = VCCI (1)(ISO7731);
VI = 0 V (ISO7731 with F suffix)
ICC1
0.8
2.2
mA
ICC2
0.7
1.6
mA
EN1 = EN2 = 0 V; VI = 0 V (ISO7731);
VI = VCCI (ISO7731 with F suffix)
ICC1
3
4.6
mA
ICC2
1.8
2.8
mA
Supply current - DC signal
EN1 = EN2 = VCCI; VI = VCCI (1)(ISO7731);
VI = 0 V (ISO7731 with F suffix)
ICC1
1.3
2.9
mA
ICC2
1.6
3.7
mA
EN1 = EN2 = VCCI; VI = 0 V (ISO7731);
VI = VCCI (ISO7731 with F suffix)
ICC1
3.5
5.4
mA
ICC2
2.8
5.1
mA
Supply current - AC signal
EN1 = EN2 = VCCI; All channels
switching with square wave clock
input; CL = 15 pF
1 Mbps
ICC1
2.7
4.2
mA
ICC2
2.3
4.6
mA
10 Mbps
ICC1
3
4.9
mA
ICC2
3.3
5.8
mA
100 Mbps
ICC1
8.5
11.5
mA
ICC2
13.1
17.8
mA
(1)
VCCI = Input-side VCC
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com