Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO773X Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO773X
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO773X Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO773X Datasheet HTML 9Page - Texas Instruments ISO773X Datasheet HTML 10Page - Texas Instruments ISO773X Datasheet HTML 11Page - Texas Instruments ISO773X Datasheet HTML 12Page - Texas Instruments ISO773X Datasheet HTML 13Page - Texas Instruments ISO773X Datasheet HTML 14Page - Texas Instruments ISO773X Datasheet HTML 15Page - Texas Instruments ISO773X Datasheet HTML 16Page - Texas Instruments ISO773X Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
5.11 Electrical Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOH
High-level output voltage
IOH = -2mA; See Figure 6-1
VCCO - 0.3 (1)
3.2
V
VOL
Low-level output voltage
IOL = 2mA; See Figure 6-1
0.1
0.3
V
VIT+(IN)
Rising input switching threshold
0.6 x VCCI
0.7 x VCCI
V
VIT-(IN)
Falling input switching threshold
0.3 x VCCI
0.4 x VCCI
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 x VCCI
0.2 x VCCI
V
IIH
High-level input current
VIH = VCCI (1) at INx
10
µA
IIL
Low-level input current
VIL = 0 V at INx
-10
µA
IIH
High-level input current
VIH = VCCI (1) at ENx
30
μA
IIL
Low-level input current
VIL = 0 V at ENx
-30
μA
CMTI
Common mode transient
immunity
VI = VCCI or 0 V, VCM = 1200 V;
See Figure 6-4
85
100
kV/µs
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
www.ti.com
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com